Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD9671KBCZ Datasheet(PDF) 6 Page - Analog Devices

Part # AD9671KBCZ
Description  Octal Ultrasound AFE with Digital Demodulator
PDF  61 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9671KBCZ Datasheet(HTML) 6 Page - Analog Devices

Back Button AD9671KBCZ Datasheet HTML 2Page - Analog Devices AD9671KBCZ Datasheet HTML 3Page - Analog Devices AD9671KBCZ Datasheet HTML 4Page - Analog Devices AD9671KBCZ Datasheet HTML 5Page - Analog Devices AD9671KBCZ Datasheet HTML 6Page - Analog Devices AD9671KBCZ Datasheet HTML 7Page - Analog Devices AD9671KBCZ Datasheet HTML 8Page - Analog Devices AD9671KBCZ Datasheet HTML 9Page - Analog Devices AD9671KBCZ Datasheet HTML 10Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 61 page
background image
Data Sheet
AD9671
Rev. A| Page 5 of 60
Parameter1
Test Conditions/Comments
Min
Typ
Max
Unit
Noise Figure
Active Termination Matched
LNA gain = 15.6 dB, RFB = 150 Ω
5.6
dB
LNA gain = 17.9 dB, RFB = 200 Ω
4.8
dB
LNA gain = 21.6 dB, RFB = 300 Ω
3.8
dB
Unterminated
LNA gain = 15.6 dB, RFB = ∞
3.2
dB
LNA gain = 17.9 dB, RFB = ∞
2.9
dB
LNA gain = 21.6 dB, RFB = ∞
2.6
dB
Correlated Noise Ratio
No signal, correlated/uncorrelated
−30
dB
Output Offset
−125
+125
LSB
Signal-to-Noise Ratio (SNR)
fIN = 5 MHz at −12 dBFS, VGAIN = −1.6 V
69
dBFS
fIN = 5 MHz at −1 dBFS, VGAIN = 1.6 V
59
dBFS
Close-In SNR
fIN = 3.5 MHz at −0.5 dBFS, VGAIN = 0 V,
1 kHz offset
−130
dBc/√Hz
Second Harmonic
fIN = 5 MHz at −12 dBFS, VGAIN = −1.6 V
−70
dBc
fIN = 5 MHz at −1 dBFS, VGAIN = 1.6 V
−62
dBc
Third Harmonic
fIN = 5 MHz at −12 dBFS, VGAIN = −1.6 V
−61
dBc
fIN = 5 MHz at −1 dBFS, VGAIN = 1.6 V
−55
dBc
Two-Tone Intermodulation
Distortion (IMD3)
fRF1 = 5.015 MHz, fRF2 = 5.020 MHz,
ARF1 = −1 dBFS, ARF2 = −21 dBFS, VGAIN =
1.6 V, IMD3 relative to ARF2
−54
dBc
Channel-to-Channel Crosstalk
fIN1 = 5.0 MHz at −1 dBFS
−60
dB
Overrange condition2
−55
dB
GAIN ACCURACY
TA = 25°C
Gain Law Conformance Error
−1.6 < VGAIN < −1.28 V
0.4
dB
−1.28 V < VGAIN < +1.28 V
−1.3
+1.3
dB
1.28 V < VGAIN < 1.6 V
−0.5
dB
VGAIN = 0 V, normalized for ideal AAF
loss
−0.9
+0.9
dB
Channel-to-Channel Matching
−1.28 V < VGAIN < +1.28 V, 1 σ
0.1
dB
PGA Gain
21/24/27/30
dB
GAIN CONTROL INTERFACE
Control Range
Differential
−1.6
+1.6
V
Control Common Mode
GAIN+, GAIN−
0.7
0.8
0.9
V
Input Impedance
GAIN+, GAIN−
10
MΩ
Gain Range
45
dB
Gain Sensitivity
Analog
14
dB/V
Digital step size
3.5
dB
Response Time
Analog 45 dB change
750
ns
CW DOPPLER MODE
LO Frequency
fLO = fMLO/M
1
10
MHz
Phase Resolution
Per channel, 4LO3 mode
45
Degrees
Per channel, 8LO3 mode, 16LO3 mode
22.5
Degrees
Output DC Bias (Single-Ended)
CWI+, CWI−, CWQ+, CWQ−
AVDD2/2
V
Output AC Current Range
Per CWI+, CWI−, CWQ+, CWQ−, each
channel enabled (2 fLO and baseband
signal)
±2.2
±2.5
mA
Transconductance (Differential)
Demodulated IOUT/VIN, per CWI+,
CWI−, CWQ+, CWQ−
LNA gain = 15.6 dB
3.3
mA/V
LNA gain = 17.9 dB
4.3
mA/V
LNA gain = 21.6 dB
6.6
mA/V
Input Referred Noise Voltage
RS = 0 Ω, RFB = ∞
LNA gain = 15.6 dB
1.6
nV/√Hz
LNA gain = 17.9 dB
1.3
nV/√Hz
LNA gain = 21.6 dB
1.0
nV/√Hz



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com