Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD9671KBCZ Datasheet(PDF) 44 Page - Analog Devices

Part # AD9671KBCZ
Description  Octal Ultrasound AFE with Digital Demodulator
PDF  61 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9671KBCZ Datasheet(HTML) 44 Page - Analog Devices

Back Button AD9671KBCZ Datasheet HTML 40Page - Analog Devices AD9671KBCZ Datasheet HTML 41Page - Analog Devices AD9671KBCZ Datasheet HTML 42Page - Analog Devices AD9671KBCZ Datasheet HTML 43Page - Analog Devices AD9671KBCZ Datasheet HTML 44Page - Analog Devices AD9671KBCZ Datasheet HTML 45Page - Analog Devices AD9671KBCZ Datasheet HTML 46Page - Analog Devices AD9671KBCZ Datasheet HTML 47Page - Analog Devices AD9671KBCZ Datasheet HTML 48Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 44 / 61 page
background image
Data Sheet
AD9671
Rev. A| Page 43 of 60
Table 28. Coefficient Memory for M = 4
Decimation Phase (j)
Index (i)
7
6
5
4
3
2
1
0
0
28
27
20
19
12
11
4
3
1
29
26
21
18
13
10
5
2
2
30
25
22
17
14
9
6
1
3
31
24
23
16
15
8
7
0
Table 29. Coefficient Block Mapping into SPI Memory Location
Coefficients (Eight Words × 14 Bits)
C7[13:0]
C6[13:0]
C5[13:0]
C4[13:0]
C3[13:0]
C2[13:0]
C1[13:0]
C0[13:0]
111:98
97:84
83:70
69:56
55:42
41:28
27:14
13:0
SPI Memory (14 Bytes)
B13[7:0]
B12[7:0]
B11[7:0]
B10[7:0]
B9[7:0]
B8[7:0]
B7[7:0]
B6[7:0]
B5[7:0]
B4[7:0]
B3[7:0]
B2[7:0]
B1[7:0]
B0[7:0]
111:104
103:96
95:88
87:80
79:72
71:64
63:56
55:48
47:40
39:32
31:24
23:16
15:8
7:0
DIGITAL TEST WAVEFORMS
Digital test waveforms can be used in the digital processing block
instead of the ADC output. To enable digital test waveforms,
use Address 0x11B. Enable each channel individually in
Address 0x11A.
Waveform Generator
For testing and debugging, use a programmable waveform
generator in place of ADC data. The waveform generator can
vary offset, amplitude, and frequency. The generator uses the ADC
sample frequency, fSAMPLE, and ADC full-scale amplitude, AFULL-SCALE,
as references. The values are set in Address 0x117, Address 0x118,
and Address 0x119 (see Table 33).
x = C + A × sin(2 × π × N)
(10)
64
n
f
N
SAMPLE
, see Address 0x117
(11)
x
SCALE
FULL
A
A
2
, see Address 0x118
(12)
C = AFULL-SCALE × a × 2−(13 − b), see Address 0x119
(13)
Channel ID and Ramp Generator
In Channel ID test mode, the output is a concatenated value.
Bits[6:0] are a ramp. Bit 7 is 0 in real data mode or I channel
and 1 for Q channel in complex data mode. Bits[10:8] are the
channel ID such that Channel A is coded as 000 and Channel B
is 001. Bits[15:11] are the chip address.
Filter Coefficients
To check the filter coefficients, use a sequence of 1 followed by
0s for the input to the decimating FIR filter. The number of 0s is
the decimation rate times the number of taps (16). The output
shifter outputs the LSBs of the filter.
DIGITAL BLOCK POWER SAVING SCHEME
To reduce power consumption in the digital block, the
demodulator and decimation filter start in an idle state after
running the chip (Register 0x008, Bits[2:0] = 000). In the digital
idle state, the chip JESD204B block outputs zeroes and there is
no unnecessary digital processing of the ADC output data. The
digital block only switches to a running state when the negative
edge of the TX_TRIG± pulse is detected, or with a software
TX_TRIG± write (Register 0x10C, Bit 5 = 1).
To put the digital block back into the idle state (while the rest of
the chip is still running) and to save power, enact one of the
following three events: raise the TX_TRIG± signal high, write to
the profile index (Register 0x10C, Bits[0:4]), or allow the power
stop to expire by using the advanced power control feature.
Figure 59 illustrates the digital block power saving scheme.
CHIP IN POWER-DOWN,
STANDBY,
OR CW MODE
DIGITAL
DECIMATOR/FILTER
IDLE
DIGITAL
DECIMATOR/FILTER
RUNNING
RUN CHIP
NEGATIVE EDGE TX_TRIG±
OR S/W TX_TRIG±
TX_TRIG± IS HIGH, PROFILE
INDEX WRITE, OR POWER
STOP EXPIRES
Figure 59. Digital Block Power Saving Scheme



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com