Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD9671KBCZ Datasheet(PDF) 15 Page - Analog Devices

Part # AD9671KBCZ
Description  Octal Ultrasound AFE with Digital Demodulator
PDF  61 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9671KBCZ Datasheet(HTML) 15 Page - Analog Devices

Back Button AD9671KBCZ Datasheet HTML 11Page - Analog Devices AD9671KBCZ Datasheet HTML 12Page - Analog Devices AD9671KBCZ Datasheet HTML 13Page - Analog Devices AD9671KBCZ Datasheet HTML 14Page - Analog Devices AD9671KBCZ Datasheet HTML 15Page - Analog Devices AD9671KBCZ Datasheet HTML 16Page - Analog Devices AD9671KBCZ Datasheet HTML 17Page - Analog Devices AD9671KBCZ Datasheet HTML 18Page - Analog Devices AD9671KBCZ Datasheet HTML 19Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 61 page
background image
AD9671
Data Sheet
Rev. A| Page 14 of 60
Table 6. Pin Function Descriptions
Pin No.
Mnemonic
Description
B5, B6, B8, C5 to C8, D5 to D8, E1, E5 to E8,
E12, F2, F4, F6, F7, F9, F11, G1, G3, G5 to G8,
G10, G12, H3 to H6, J4, K1, K2, K4, M1, M12
GND
Ground. These pins are tied to a quiet analog ground.
F1, F3, F5, F8, F10, F12, G2, G9
AVDD1
1.8 V Analog Supply.
G4, G11
DVDD
1.4 V Digital Supply.
E2, E3, E4, E9, E10, E11, J6, K6
AVDD2
3.0 V Analog Supply.
B7
CLNA
LNA External Capacitor.
L1, L12
DRVDD
1.8 V Digital Output Driver Supply.
C1
LO-E
LNA Analog Inverted Output for Channel E.
D1
LOSW-E
LNA Analog Switched Output for Channel E.
A1
LI-E
LNA Analog Input for Channel E.
B1
LG-E
LNA Ground for Channel E.
C2
LO-F
LNA Analog Inverted Output for Channel F.
D2
LOSW-F
LNA Analog Switched Output for Channel F.
A2
LI-F
LNA Analog Input for Channel F.
B2
LG-F
LNA Ground for Channel F.
C3
LO-G
LNA Analog Inverted Output for Channel G.
D3
LOSW-G
LNA Analog Switched Output for Channel G.
A3
LI-G
LNA Analog Input for Channel G.
B3
LG-G
LNA Ground for Channel G.
C4
LO-H
LNA Analog Inverted Output for Channel H.
D4
LOSW-H
LNA Analog Switched Output for Channel H.
A4
LI-H
LNA Analog Input for Channel H.
B4
LG-H
LNA Ground for Channel H.
H1
CLK−
Clock Input Complement.
J1
CLK+
Clock Input True.
H2
TX_TRIG−
Transmit Trigger Complement.
J2
TX_TRIG+
Transmit Trigger True.
H11
ADDR0
Chip Address Bit 0.
H10
ADDR1
Chip Address Bit 1.
H9
ADDR2
Chip Address Bit 2.
H8
ADDR3
Chip Address Bit 3.
H7
ADDR4
Chip Address Bit 4.
L2, M2, L3, M3, L10, M10, L11, M11
NIC
Not Internally Connected. These pins are not connected internally. Allow the
NIC pins to float, or connect them to ground. Avoid routing high speed
signals through these pins because noise coupling may result.
L4
SYNCINB+
Active Low JESD204B LVDS SYNC Input—True.
M4
SYNCINB−
Active Low JESD204B LVDS SYNC Input—Complement.
M5
SERDOUT4−
Serial Lane 4 CML Output Data—Complement.
L5
SERDOUT4+
Serial Lane 4 CML Output Data—True.
M6
SERDOUT3−
Serial Lane 3 CML Output Data—Complement.
L6
SERDOUT3+
Serial Lane 3 CML Output Data—True.
M7
SERDOUT2−
Serial Lane 2 CML Output Data—Complement.
L7
SERDOUT2+
Serial Lane 2 CML Output Data—True.
M8
SERDOUT1−
Serial Lane 1 CML Output Data—Complement.
L8
SERDOUT1+
Serial Lane 1 CML Output Data—True.
M9
SYSREF−
Active Low JESD204B LVDS System Reference (SYSREF) Input—Complement.
L9
SYSREF+
Active Low JESD204B LVDS SYSREF Input—True.
K11
STBY
Standby Power-Down.
J11
PDWN
Full Power-Down.
K12
SCLK
Serial Clock.
J12
SDIO
Serial Data Input/Output.
H12
CSB
Chip Select Bar.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com