Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD9671KBCZ Datasheet(PDF) 7 Page - Analog Devices

Part # AD9671KBCZ
Description  Octal Ultrasound AFE with Digital Demodulator
PDF  61 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9671KBCZ Datasheet(HTML) 7 Page - Analog Devices

Back Button AD9671KBCZ Datasheet HTML 3Page - Analog Devices AD9671KBCZ Datasheet HTML 4Page - Analog Devices AD9671KBCZ Datasheet HTML 5Page - Analog Devices AD9671KBCZ Datasheet HTML 6Page - Analog Devices AD9671KBCZ Datasheet HTML 7Page - Analog Devices AD9671KBCZ Datasheet HTML 8Page - Analog Devices AD9671KBCZ Datasheet HTML 9Page - Analog Devices AD9671KBCZ Datasheet HTML 10Page - Analog Devices AD9671KBCZ Datasheet HTML 11Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 61 page
background image
AD9671
Data Sheet
Rev. A| Page 6 of 60
Parameter1
Test Conditions/Comments
Min
Typ
Max
Unit
Noise Figure
RS = 50 Ω, RFB = ∞
LNA gain = 15.6 dB
5.7
dB
LNA gain = 17.9 dB
4.5
dB
LNA gain = 21.6 dB
3.4
dB
Input Referred Dynamic Range
RS = 0 Ω, RFB = ∞
LNA gain = 15.6 dB
164
dBFS/√Hz
LNA gain = 17.9 dB
162
dBFS/√Hz
LNA gain = 21.6 dB
160
dBFS/√Hz
Close-In SNR
−3 dBFS input, fRF = 2.5 MHz, fLO =
40 MHz, 1 kHz offset, 16LO mode,
one channel enabled
156
dBc/√Hz
−3 dBFS input, fRF = 2.5 MHz, fLO =
40 MHz, 1 kHz offset, 16LO mode,
eight channels enabled
161
dBc/√Hz
Two-Tone Intermodulation
Distortion (IMD3)
fRF1 = 5.015 MHz, fRF2 = 5.020 MHz, fLO =
80 MHz, ARF1 = −1 dBFS, ARF2 =
−21 dBFS, IMD3 relative to ARF2
−58
dBc
LO Harmonic Rejection
−20
dBc
Quadrature Phase Error
I to Q, all phases, 1 σ
0.15
Degrees
I/Q Amplitude Imbalance
I to Q, all phases, 1 σ
0.015
dB
Channel to Channel Matching
Phase I to I, Q to Q, 1 σ
0.5
Degrees
Amplitude I to I, Q to Q, 1 σ
0.25
dB
POWER SUPPLY
Mode I/Mode II/Mode III/Mode IV
AVDD1
1.7
1.8
1.9
V
AVDD2
2.85
3.0
3.6
V
DVDD
Demodulator/decimator enabled
1.3
1.4
1.9
V
DRVDD
1.7
1.8
1.9
V
IAVDD1
TGC mode, low bandwidth mode
148/187/223/291
mA
CW Doppler mode
4
mA
IAVDD2
TGC mode, no signal, low bandwidth
mode
230
mA
TGC mode, no signal, high
bandwidth mode
239
mA
CW Doppler mode
140
mA
IDVDD
Demodulator/decimator enabled
156/247/166/255
mA
Demodulator/decimator disabled
29/46/40/61
mA
IDRVDD
Four-lane mode, JESD204B lane rates =
1.6 Gbps/2.6 Gbps/1.6 Gbps/2.5 Gbps
121/168/122/166
mA
Two-lane mode, JESD204B lane rates =
3.2 Gbps/5.0 Gbps/3.2 Gbps/5.0 Gbps
127/186/129/184
mA
One-lane mode, demodulator/
decimator enabled, JESD204B lane
rates = 3.2 Gbps/5.0 Gbps/3.2 Gbps/
5.0 Gbps4
73/105/76/105
mA
Total Power Dissipation
(Including Output Drivers)
TGC mode, no signal, two-lane mode,
demodulator/decimator disabled
1200/1415/1365/1615
1445/1680/1635/
1910
mW
TGC mode, no signal, two-lane mode,
demodulator/decimator enabled
1390/1710/1550/1895
1645/2025/1835/
2215
mW
CW Doppler mode, eight channels
enabled
500
mW
Power-Down Dissipation
5
30
mW
Standby Power Dissipation
725
mW



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com