Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD9671KBCZ Datasheet(PDF) 59 Page - Analog Devices

Part # AD9671KBCZ
Description  Octal Ultrasound AFE with Digital Demodulator
PDF  61 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9671KBCZ Datasheet(HTML) 59 Page - Analog Devices

Back Button AD9671KBCZ Datasheet HTML 53Page - Analog Devices AD9671KBCZ Datasheet HTML 54Page - Analog Devices AD9671KBCZ Datasheet HTML 55Page - Analog Devices AD9671KBCZ Datasheet HTML 56Page - Analog Devices AD9671KBCZ Datasheet HTML 57Page - Analog Devices AD9671KBCZ Datasheet HTML 58Page - Analog Devices AD9671KBCZ Datasheet HTML 59Page - Analog Devices AD9671KBCZ Datasheet HTML 60Page - Analog Devices AD9671KBCZ Datasheet HTML 61Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 59 / 61 page
background image
AD9671
Data Sheet
Rev. A| Page 58 of 60
Addr.
(Hex)
Register
Name
Bit 7 (MSB)
Bit 6
Bit 5
Bit 4
Bit 3
Bit 2
Bit 1
Bit 0 (LSB)
Default
Value
Comments
0x186
DATA_
VALID_
RESYNC
1
0
1
0
One time
data resync
with
JESD204B
clock after
TX_TRIG
0: disable
resync
1: enable
resync
(default)
Continuous
data resync
with
JESD204B
clock
0: disable
resync
1: enable
resync
(default)
One time
SYSREF
resync
with
JESD204B
clock after
TX_TRIG
0: disable
resync
1: enable
resync
(default)
Continuous
SYSREF
resync with
JESD204B
clock
0: disable
resync
(default)
1: enable
resync
0xAE
Data and
SYSREF resync.
0x188
START_
CODE_EN
0
0
0
0
0
0
0
Start code
identifier
0 = disable
1 = enable
(default)
0x01
Enable start
code identifier
(global).
0x189
RESERVED
_189
0
0
0
0
0
0
0
0
0x00
Reserved.
0x18A
RESERVED
_18A
0
0
0
0
0
0
0
0
0x00
Reserved.
0x18B
START_
CODE_
MSB
0
0
1
0
0
1
1
1
0x27
Start code
MSB (global).
0x18C
START_
CODE_LSB
0
1
1
1
0
0
1
0
0x72
Start code LSB
(global).
0x190
FRAME_
SIZE_MSB
X
X
X
Auto-
matically
set frame
size
0 =
disable
1 =
enable
(default)
X
X
X
X
0x10
Automatically
set frame size
(global).
0x191
RESERVED_
191
0
0
0
0
0
0
0
0
0x00
Reserved.
0x192
RESERVED_
192
0
0
0
1
1
0
0
0
0x18
Reserved.
0x193
RESERVED_
193
0
0
0
0
0
0
0
0
0x00
Reserved.
0x194
RESERVED_
194
0
0
0
1
1
1
0
0
0x1C
Reserved.
0x195
RESERVED_
195
0
0
0
0
0
0
0
0
0x00
Reserved.
0x196
RESERVED_
196
0
0
0
1
1
0
0
0
0x18
Reserved.
0x197
RESERVED_
197
0
0
0
0
0
0
0
0
0x00
Reserved.
0x198
RESERVED_
198
0
0
0
0
0
0
0
0
0x00
Reserved.
0x199
SAMPLE_
CLOCK_
COUNTER
SERDES
clock
counter
0 = disable
(default)
1 = enable
0
0
0
0
0
0
0
0x00
Enables
automatic
SERDES
sample clock
counter.
0x19A RESERVED_
19A
0
0
0
0
0
0
0
0
0x00
Reserved.
0x19B
RESERVED_
19B
0
1
1
1
0
0
0
0
0x70
Reserved.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com