Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD9675KBCZ Datasheet(PDF) 33 Page - Analog Devices

Part # AD9675KBCZ
Description  Octal Ultrasound AFE with JESD204B
PDF  61 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9675KBCZ Datasheet(HTML) 33 Page - Analog Devices

Back Button AD9675KBCZ Datasheet HTML 29Page - Analog Devices AD9675KBCZ Datasheet HTML 30Page - Analog Devices AD9675KBCZ Datasheet HTML 31Page - Analog Devices AD9675KBCZ Datasheet HTML 32Page - Analog Devices AD9675KBCZ Datasheet HTML 33Page - Analog Devices AD9675KBCZ Datasheet HTML 34Page - Analog Devices AD9675KBCZ Datasheet HTML 35Page - Analog Devices AD9675KBCZ Datasheet HTML 36Page - Analog Devices AD9675KBCZ Datasheet HTML 37Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 33 / 61 page
background image
AD9675
Data Sheet
Rev. A | Page 32 of 60
Table 17. JESD204B Configurable Identification Values
DID Value
Register, Bits
Value Range
LID (SERDOUT1±)
0x148, [4:0]
0 to 31
LID (SERDOUT2±)
0x149, [4:0]
0 to 31
LID (SERDOUT3±)
0x14A, [4:0]
0 to 31
LID (SERDOUT4±)
0x14B, [4:0]
0 to 31
DID
0x146, [7:0]
0 to 255
BID
0x147, [3:0]
0 to 15
Set Number of Frames per Multiframe, K
Per the JESD204B specification, a multiframe is defined as a group
of K successive frames, where K is between 1 and 32, and it
requires that the number of octets be between 17 and 1024. The
K value is set to 32 by default in Register 0x152, Bits[4:0]. Note
that Register 0x152 represents a value of K − 1.
The K value can be changed; however, it must comply with a
few conditions. The AD9675 uses a fixed value for octets per
frame, F. K must also be a multiple of 4 and conform to the
following equation:
32 ≥ K ≥ Ceil(17/F)
The JESD204B specification also requires that the number of
octets per multiframe (K × F) be between 17 and 1024. The F
value is fixed based on the value of M and L. F can be read from
Address 0x151.
L
M
F
2
Enable Scramble, SCR
Scrambling can be enabled or disabled by setting Address 0x150,
Bit 7. By default, scrambling is enabled. Per the JESD204B
protocol, scrambling is only functional after the lane
synchronization is complete.
Set Lane Synchronization Options
Most of the synchronization features of the JESD204B interface
are enabled by default for typical applications. In some cases,
these features can be disabled or modified as follows.
ILAS enabling is controlled in Address 0x142, Bits[3:2] and is
enabled by default. Optionally, to support some unique
instances of the interfaces (such as NMCDA-SL), the JESD204B
interface can be programmed to either disable the ILAS
sequence or continually repeat the ILAS sequence. Additionally,
the ILAS can be repeated for a fixed count, as programmed in
Address 0x145, Bits[7:0].
The AD9675 has fixed values of some of the JESD204B interface
parameters, and they are as follows:
N' = 16: number of bits per sample is 16. Read only value
from Address 0x155, Bits[3:0] = 15 (N' − 1).
CF = 0: number of control words per frame clock cycle per
converter is 0, in Address 0x157, Bits[4:0].
The AD9675 calculates values for some JESD204B parameters
based on other settings, particularly the quick configuration
register selection. The following read only values are available in
the register map for verification:
F: octets per frame can be 32, 16, 8, or 4; read the value
(F − 1) from Address 0x151, Bits[4:0]
M: number of converters per link can be 8 or 16; read the
value (M − 1) from Address 0x153, Bits[3:0]
S: samples per converter per frame is 1; read the value
(S − 1) from Address 0x156, Bit 0.
Check FCHK, Checksum of JESD204B Interface
Parameters
The JESD204B parameters can be verified through a checksum
value (FCHK) of the JESD204B interface parameters. Each lane
has a FCHK value associated with it. The FCHK value is
transmitted during the ILAS second multiframe and can be
read from the internal registers.
Checksum value is the modulo 256 sum of the parameters listed
as Octet 0 to Octet 10 in Table 18. Checksum is calculated by
adding the parameter fields before they are packed into the octets.
The FCHK for the lane configuration for data coming out of
SERDOUT1± can be read from Address 0x15A. Similarly,
FCHK for the lane defined for SERDOUT2± can be read from
Address 0x15B.
Table 18. JESD204B Configuration Table Used in ILAS and
Checksum Calculation
No.
Bit 7
(MSB)
Bit
6
Bit
5
Bit
4
Bit
3
Bit
2
Bit
1
Bit 0
(LSB)
0
DID[7:0]
1
0
0
0
0
BID[3:0]
2
0
0
0
LID[4:0]
3
SCR
0
0
L[4:0]
4
F[7:0]
5
0
0
0
K[4:0]
6
M[7:0]
7
CS[1:0]
0
N[4:0]
8
0
N'[4:0]
9
0
S[4:0]
10
0
0
0
CF[4:0]



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com