Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD9675KBCZ Datasheet(PDF) 26 Page - Analog Devices

Part # AD9675KBCZ
Description  Octal Ultrasound AFE with JESD204B
PDF  61 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9675KBCZ Datasheet(HTML) 26 Page - Analog Devices

Back Button AD9675KBCZ Datasheet HTML 22Page - Analog Devices AD9675KBCZ Datasheet HTML 23Page - Analog Devices AD9675KBCZ Datasheet HTML 24Page - Analog Devices AD9675KBCZ Datasheet HTML 25Page - Analog Devices AD9675KBCZ Datasheet HTML 26Page - Analog Devices AD9675KBCZ Datasheet HTML 27Page - Analog Devices AD9675KBCZ Datasheet HTML 28Page - Analog Devices AD9675KBCZ Datasheet HTML 29Page - Analog Devices AD9675KBCZ Datasheet HTML 30Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 26 / 61 page
background image
Data Sheet
AD9675
Rev. A | Page 25 of 60
Table 11 and Table 12 calculate the valid SPI-selectable low-pass
filter settings and expected cutoff frequencies for the low
bandwidth and high bandwidth modes at the minimum sample
frequency and the maximum sample frequency in each speed
mode.
Tuning is normally off to avoid changing the capacitor settings
during critical times. The tuning circuit is enabled through the
SPI. It is disabled automatically after 512 cycles of the ADC sample
clock. Initialize the tuning of the filter after initial power-up and
after reprogramming of the filter cutoff scaling or the ADC
sample rate. The tuning is initiated using Address 0x02B, Bit 6.
Four SPI-programmable settings allow users to vary the high-
pass filter cutoff frequency as a function of the low-pass cutoff
frequency. Two examples are shown in Table 13: an 8 MHz low-
pass cutoff frequency and an 18 MHz low-pass cutoff frequency. In
both cases, as the ratio decreases, the amount of rejection on the
low end frequencies increases. Therefore, making the entire AAF
frequency pass band narrow can reduce low frequency noise or
maximize dynamic range for harmonic processing.
Table 11. SPI-Selectable Low-Pass Filter Cutoff Options for Low Bandwidth Mode at Example Sampling Frequencies
Address
0x00F[7:3]
LPF Cutoff
Frequency (MHz)
Sampling Frequency (MHz)
20.5
40
65
80
125
0 0000
1.45 × (1/3) × fSAMPLE
9.91
Out of tunable
filter range
Out of tunable
filter range
Out of tunable
filter range
Out of tunable
filter range
0 0001
1.25 × (1/3) × fSAMPLE
8.54
16.67
Out of tunable
filter range
Out of tunable
filter range
Out of tunable
filter range
0 0010
1.13 × (1/3) × fSAMPLE
Out of tunable
filter range
15.00
Out of tunable
filter range
Out of tunable
filter range
Out of tunable
filter range
0 0011
1.0 × (1/3) × fSAMPLE
Out of tunable
filter range
13.33
Out of tunable
filter range
Out of tunable
filter range
Out of tunable
filter range
0 0100
0.9 × (1/3) × fSAMPLE
Out of tunable
filter range
12.00
Out of tunable
filter range
Out of tunable
filter range
Out of tunable
filter range
0 0101
0.8 × (1/3) × fSAMPLE
Out of tunable
filter range
10.67
17.33
Out of tunable
filter range
Out of tunable
filter range
0 0110
0.75 × (1/3) × fSAMPLE
Out of tunable
filter range
10.00
16.25
16.82
Out of tunable
filter range
0 1000
1.45 × (1/4.5) × fSAMPLE
Out of tunable
filter range
12.89
20.94
Out of tunable
filter range
Out of tunable
filter range
0 1001
1.25 × (1/4.5) × fSAMPLE
Out of tunable
filter range
11.11
18.06
Out of tunable
filter range
Out of tunable
filter range
0 1010
1.13 × (1/4.5) × fSAMPLE
Out of tunable
filter range
10.00
16.25
Out of tunable
filter range
Out of tunable
filter range
0 1011
1.0 × (1/4.5) × fSAMPLE
Out of tunable
filter range
8.89
14.44
17.78
Out of tunable
filter range
0 1100
0.9 × (1/4.5) × fSAMPLE
Out of tunable
filter range
8.00
13.00
16.00
Out of tunable
filter range
0 1101
0.8 × (1/4.5) × fSAMPLE
Out of tunable
filter range
Out of tunable
filter range
11.56
14.22
Out of tunable
filter range
0 1110
0.75 × (1/4.5) × fSAMPLE
Out of tunable
filter range
Out of tunable
filter range
10.83
13.33
17.50
1 0000
1.45 × (1/6) × fSAMPLE
Out of tunable
filter range
9.67
15.71
Out of tunable
filter range
Out of tunable
filter range
1 0001
1.25 × (1/6) × fSAMPLE
Out of tunable
filter range
8.33
13.54
16.67
Out of tunable
filter range
1 0010
1.13 × (1/6) × fSAMPLE
Out of tunable
filter range
Out of tunable
filter range
12.19
15.00
Out of tunable
filter range
1 0011
1.0 × (1/6) × fSAMPLE
Out of tunable
filter range
Out of tunable
filter range
10.83
13.33
Out of tunable
filter range
1 0100
0.9 × (1/6) × fSAMPLE
Out of tunable
filter range
Out of tunable
filter range
9.75
12.00
Out of tunable
filter range
1 0101
0.8 × (1/6) × fSAMPLE
Out of tunable
filter range
Out of tunable
filter range
8.67
10.67
16.67
1 0110
0.75 × (1/6) × fSAMPLE
Out of tunable
filter range
Out of tunable
filter range
8.13
10.00
15.63



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com