Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD9675KBCZ Datasheet(PDF) 56 Page - Analog Devices

Part # AD9675KBCZ
Description  Octal Ultrasound AFE with JESD204B
PDF  61 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9675KBCZ Datasheet(HTML) 56 Page - Analog Devices

Back Button AD9675KBCZ Datasheet HTML 52Page - Analog Devices AD9675KBCZ Datasheet HTML 53Page - Analog Devices AD9675KBCZ Datasheet HTML 54Page - Analog Devices AD9675KBCZ Datasheet HTML 55Page - Analog Devices AD9675KBCZ Datasheet HTML 56Page - Analog Devices AD9675KBCZ Datasheet HTML 57Page - Analog Devices AD9675KBCZ Datasheet HTML 58Page - Analog Devices AD9675KBCZ Datasheet HTML 59Page - Analog Devices AD9675KBCZ Datasheet HTML 60Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 56 / 61 page
background image
Data Sheet
AD9675
Rev. A | Page 55 of 60
Addr.
(Hex)
Register
Name
Bit 7
(MSB)
Bit 6
Bit 5
Bit 4
Bit 3
Bit 2
Bit 1
Bit 0
(LSB)
Default
Value
Comments
0x14A
JTX_LID2_
CFG
X
X
X
Serial lane identification (LID) number for Lane 3
0x02
Global
0x14B
JTX_LID3_
CFG
X
X
X
Serial lane identification (LID) number for Lane 4
0x03
Global
0x14C
RESERVED_
14C
0
0
0
0
0
0
0
0
0x00
Reserved
0x14D
RESERVED_
14D
0
0
0
0
0
0
0
0
0x00
Reserved
0x14E
RESERVED_
14E
0
0
0
0
0
0
0
0
0x00
Reserved
0x14F
RESERVED_
14F
0
0
0
0
0
0
0
0
0x00
Reserved
0x150
JTX_SCR_
L_CFG
JESD204B
serial
scrambler
mode
0 =
disabled
1 =
enabled
(default)
X
X
X
X
X
Lanes per link
00 = one lane (L = 1)
01 = two lanes (L = 2)
10 = reserved
11 = four lanes (L = 4)
(default)
0x83
JESD204B
scrambler
and lane
configuration
(global)
0x151
JTX_F_
CFG
X
X
X
Number of octets per frame (F)
F = (M × 2)/(L)
0 0000 = reserved
…
0 0011 = 4 octets ( M = 8, L = 4, default)
0 0100 = reserved
…
0 0111 = 8 octets (M = 8, L = 2) or (M = 16, L = 4)
0 1000 = reserved
…
0 1111 = 16 octets (M = 8, L = 1) or (M = 16, L = 2)
1 0000 = reserved
…
1 1111 = 32 octets (M = 16, L = 1)
0x03
JESD204B
number of
octets per
frame (read
only, global)
0x152
JTX_K_
CFG
X
X
X
Number of frames per multiframe (K)
0 0000 = 1
0 0001 = 2
…
1 1111 = 32
0x0F
JESD204B
frames per
multiframe
(global)
0x153
JTX_M_
CFG
X
X
X
X
Number of converters per link
0000 = reserved
…
0111 = 8 channels, real data (M = 8)
1000 = reserved
…
1111 = 8 channels, quadrature data (M = 16)
0x07
JESD204B
number of
converter
per link
(read only,
global)
0x154
JTX_CS_
N_CFG
X
Control
bits per
sample
0 = none
(CS = 0,
default,
read only)
X
0
Output resolution (N)
0000 = reserved
…
1011 = 12 bits
1100 = reserved
1101 = 14 bits
1110 = reserved
1111 = 16 bits (default)
0x0F
JESD204B
serializer
number of
bits per
channel
(global)
0x155
JTX_SCV_
NP_CFG
0
0
0
0
Bits per output sample (N')
0000 = reserved
…
1110 = reserved
1111 = 16 (default)
0x0F
JESD204B
number of
bits per
samples
(global, read
only)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com