Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD9675KBCZ Datasheet(PDF) 52 Page - Analog Devices

Part # AD9675KBCZ
Description  Octal Ultrasound AFE with JESD204B
PDF  61 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9675KBCZ Datasheet(HTML) 52 Page - Analog Devices

Back Button AD9675KBCZ Datasheet HTML 48Page - Analog Devices AD9675KBCZ Datasheet HTML 49Page - Analog Devices AD9675KBCZ Datasheet HTML 50Page - Analog Devices AD9675KBCZ Datasheet HTML 51Page - Analog Devices AD9675KBCZ Datasheet HTML 52Page - Analog Devices AD9675KBCZ Datasheet HTML 53Page - Analog Devices AD9675KBCZ Datasheet HTML 54Page - Analog Devices AD9675KBCZ Datasheet HTML 55Page - Analog Devices AD9675KBCZ Datasheet HTML 56Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 52 / 61 page
background image
Data Sheet
AD9675
Rev. A | Page 51 of 60
Addr.
(Hex)
Register
Name
Bit 7
(MSB)
Bit 6
Bit 5
Bit 4
Bit 3
Bit 2
Bit 1
Bit 0
(LSB)
Default
Value
Comments
0x02D
CW_
ENABLE_
PHASE
X
X
X
CW
Doppler
channel
enable
1 = on
0 = off
I/Q demodulator phase
0000 = 0° (default)
0001 = 22.5° (not valid for 4LO mode)
0010 = 45°
0011 = 67.5° (not valid for 4LO mode)
0100 = 90°
0101 = 112.5° (not valid for 4LO mode)
0110 = 135°
0111 = 157.5° (not valid for 4LO mode)
1000 = 180°
1001 = 202.5° (not valid for 4LO mode)
1010 = 225°
1011 = 247.5° (not valid for 4LO mode)
1100 = 270°
1101 = 292.5° (not valid for 4LO mode)
1110 = 315°
1111 = 337.5° (not valid for 4LO mode)
0x00
Phase of
demodu-
lators (local)
0x02E
CW_LO_
MODE
Enable
JESD
during CW
0: JESD
link
disabled
during CW
(default)
1: JESD
link
enabled
during CW
(switching
activity
can de-
grade CW
perfor-
mance)
RESET±
with
MLO±
clock edge
0 =
synchro-
nous
(default)
1 =
asynchro-
nous
Synchro-
nous
RESET±
sampling
MLO±
clock edge
0 = falling
(default)
1 = rising
RESET±
polarity
0 =
active
high
(default)
1 =
active
low
MLO± and
RESET±
buffer
enable (in
all modes
except CW
mode)
0 = power-
down
(default)
1 = enable
LO mode
00X = 4LO, 3rd to 5th odd harmonic
rejection (default)
010 = 8LO, 3rd to 5th odd harmonic
rejection
011 = 8LO, 3rd to 13th odd harmonic
rejection
100 = 16LO, 3rd to 5th odd harmonic
rejection
101 = 16LO, 3rd to 13th odd harmonic
rejection
11X = reserved
0x00
CW mode
functions
(global)
0x02F
CW_
OUTPUT
CW
output dc
bias
voltage
0 =
bypass
1 =
enable
(default)
0
0
0
0
0
0
0
0x80
Global
0x102
RESERVED_
102
0
0
0
0
0
0
0
0
0X00
Reserved
0x103
RESERVED_
103
0
0
0
0
0
0
0
0
0X00
Reserved
0x104
RESERVED_
104
0
0
1
1
1
1
1
1
0x3F
Reserved
0x105
RESERVED_
105
0
0
0
0
0
0
0
0
0x00
Reserved
0x106
RESERVED_
106
0
0
0
0
0
0
0
0
0x00
Reserved
0x107
RESERVED_
107
0
0
0
0
0
0
X
X
Read
only
Reserved
0x108
RESERVED_
108
0
0
0
0
0
0
0
0
0x00
Reserved



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com