Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD9675KBCZ Datasheet(PDF) 55 Page - Analog Devices

Part # AD9675KBCZ
Description  Octal Ultrasound AFE with JESD204B
PDF  61 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9675KBCZ Datasheet(HTML) 55 Page - Analog Devices

Back Button AD9675KBCZ Datasheet HTML 51Page - Analog Devices AD9675KBCZ Datasheet HTML 52Page - Analog Devices AD9675KBCZ Datasheet HTML 53Page - Analog Devices AD9675KBCZ Datasheet HTML 54Page - Analog Devices AD9675KBCZ Datasheet HTML 55Page - Analog Devices AD9675KBCZ Datasheet HTML 56Page - Analog Devices AD9675KBCZ Datasheet HTML 57Page - Analog Devices AD9675KBCZ Datasheet HTML 58Page - Analog Devices AD9675KBCZ Datasheet HTML 59Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 55 / 61 page
background image
AD9675
Data Sheet
Rev. A | Page 54 of 60
Addr.
(Hex)
Register
Name
Bit 7
(MSB)
Bit 6
Bit 5
Bit 4
Bit 3
Bit 2
Bit 1
Bit 0
(LSB)
Default
Value
Comments
0x11E
RESERVED_
11E
0
0
0
0
0
0
0
0
0x00
Reserved
0x11F
RESERVED_
11F
0
0
0
0
0
0
0
0
0x00
Reserved
0x120
CW_
TEST_
TONE
0
CW I/Q
output
swap
0 =
disable
(default)
1 =
enable
LNA offset
cancella-
tion
0 = enable
(default)
1 = disable
LNA offset cancellation
transconductance
00 = 0.5 mS (default)
01 = 1.0 mS
10 = 1.5 mS
11 = 2.0 mS
CW analog test tone
override for
Address 0x116, Bits [1:0]
00 = disable override
(default)
01 = set analog test
tone frequency to fLO
1X = set analog test
tone frequency to dc
0
0x00
Sets the
frequency of
the analog
test tone to
fLO in CW
Doppler
mode;
enables I/Q
output swap;
LNA offset
cancellation
control
(global)
0x142
JTX_
LINK_
CTRL1
JESD204B
power
during
standby
0 = remain
powered
up
(default)
1 = power
down
JESD204B
tail bit
value
0 = zeros
(default)
1 = PN
sequence
JESD204B
test mode
enable
0 = disable
(default)
1 = enable
JESD204
B lane
sync
enable
0 =
disable
(default)
1 =
enable
JESD204B ILAS enable
00 = disable (default)
01 = enable
10 = always on, test
mode
11 = reserved
JESD204B
serial
frame
alignment
character
insertion
(FACI)
disable
0: FACI
enabled
1: FACI
disabled
Power
down
JESD204B
link
0 = link
enabled
(default)
1 = link
powered
down
0x00
JESD204B
configuration
(global)
0x143
JTX_
LINK_
CTRL2
 
SYNCINB
signal
polarity
0 = not
inverted
(default)
1 =
inverted
0
0
8-bit/
10-bit
encoder
0 = enable
(default)
1 = bypass
(test mode
only)
10-bit
transmit
bit invert
0 = not
inverted
(default)
1 =
inverted
SERD-
OUTx±
10-bit
transmit
bit mirror
0 = not
mirrored
(default)
1 =
mirrored
0x00
JESD204B
configuration
(global)
0x144
JTX_
LINK_
CTRL3
Checksum
enable
0 =
enable
(default)
1 =
disable
Checksum
algorithm
0 = add
parameter
(default)
1 = add
packed
octets
JESD204B test pattern
input selection
00 = reserved (default)
01 = 10-bit test data
injected at output of
8-bit/10-bitencoder
10 = 8-bit test data
injected at input of
scrambler
11 = reserved
JESD204B test mode selection
0000 = off (default)
0001 = alternating checkerboard
0010 = 1-/0-word toggle
0011 = PN sequence long
0100 = PN sequence short
0101 = continuous/repeat user test pattern
0110 = single user test pattern
0111 = ramp output
1000 = RPAT sequence
1001 = reserved
…
1111 = reserved
0x00
JESD204B
test mode
and
checksum
controls
(global)
0x145
JTX_
LINK_
CTRL4
Initial lane alignment sequence repeat count
0000 0000 = 4 × K + 1 (default)
0000 0001 = 4 × K + 2
…
1111 1111 = 4 × K + 128
0x00
JESD204B
ILAS repeat
count
(global)
0x146
JTX_DID_
CFG
JESD204B serial device identification (DID) number
0x00
Global
0x147
JTX_BID_
CFG
X
X
X
X
JESD204B serial bank identification (BID) number
(extension to DID)
0x00
Global
0x148
JTX_LID0_
CFG
X
X
X
Serial lane identification (LID) number for Lane 1
0x00
Global
0x149
JTX_LID1_
CFG
X
X
X
Serial lane identification (LID) number for Lane 2
0x01
Global



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com