Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD9675KBCZ Datasheet(PDF) 59 Page - Analog Devices

Part # AD9675KBCZ
Description  Octal Ultrasound AFE with JESD204B
PDF  61 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9675KBCZ Datasheet(HTML) 59 Page - Analog Devices

Back Button AD9675KBCZ Datasheet HTML 53Page - Analog Devices AD9675KBCZ Datasheet HTML 54Page - Analog Devices AD9675KBCZ Datasheet HTML 55Page - Analog Devices AD9675KBCZ Datasheet HTML 56Page - Analog Devices AD9675KBCZ Datasheet HTML 57Page - Analog Devices AD9675KBCZ Datasheet HTML 58Page - Analog Devices AD9675KBCZ Datasheet HTML 59Page - Analog Devices AD9675KBCZ Datasheet HTML 60Page - Analog Devices AD9675KBCZ Datasheet HTML 61Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 59 / 61 page
background image
AD9675
Data Sheet
Rev. A | Page 58 of 60
Addr.
(Hex)
Register
Name
Bit 7
(MSB)
Bit 6
Bit 5
Bit 4
Bit 3
Bit 2
Bit 1
Bit 0
(LSB)
Default
Value
Comments
0x197
RESERVED_
197
0
0
0
0
0
0
0
0
0x00
Reserved
0x198
RESERVED_
198
0
0
0
0
0
0
0
0
0x00
Reserved
0x199
SAMPLE_
CLOCK_
COUNTER
SERDES
clock
counter
0 = disable
(default)
1 = enable
0
0
0
0
0
0
0
0x00
Enables
automatic
SERDES
sample
clock
counter
0x19A
RESERVED_
19A
0
0
0
0
0
0
0
0
0x00
Reserved
0x19B
RESERVED_
19B
0
1
1
1
0
0
0
0
0x70
Reserved
0x19C
JTX_
FRAME_
SIZE
X
X
X
Set
frame
size
automa-
tically
0 =
disable
1 =
enable
(default)
X
X
0
0
0x10
Automatic-
ally set
JESD204B
frame size
(global)
0x19D
RESERVED_
19D
0
0
0
0
0
0
0
0
0x00
Reserved
0x19E
RESERVED_
19E
0
0
0
1
0
0
0
0
0x10
Reserved
Profile Memory Registers
0xF00
to
0xFFF
Profile
Memory
32 × 64 bits
0x00
Global



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com