Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD813 Datasheet(PDF) 4 Page - Analog Devices

Part # AD813
Description  Single Supply, Low Power Triple Video Amplifier
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD813 Datasheet(HTML) 4 Page - Analog Devices

  AD813 Datasheet HTML 1Page - Analog Devices AD813 Datasheet HTML 2Page - Analog Devices AD813 Datasheet HTML 3Page - Analog Devices AD813 Datasheet HTML 4Page - Analog Devices AD813 Datasheet HTML 5Page - Analog Devices AD813 Datasheet HTML 6Page - Analog Devices AD813 Datasheet HTML 7Page - Analog Devices AD813 Datasheet HTML 8Page - Analog Devices AD813 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 20 page
background image
Model
AD813A
Conditions
V
S
Min
Typ
Max
Units
OUTPUT CHARACTERISTICS
Output Voltage Swing
R
L = 150 Ω, TMIN–TMAX
±5 V
3.5
3.8
±V
R
L = 1 kΩ, TMIN–TMAX
±15 V
13.6
14.0
±V
Output Current
±5 V
25
40
mA
±15 V
30
50
mA
Short Circuit Current
G = +2, R
F = 715 Ω± 15 V
100
mA
V
IN = 2 V
MATCHING CHARACTERISTICS
Dynamic
Crosstalk
G = +2, f = 5 MHz
±5 V, ± 15 V
–65
dB
Gain Flatness Match
G = +2, f = 40 MHz
±15 V
0.1
dB
DC
Input Offset Voltage
T
MIN–TMAX
±5 V, ± 15 V
0.5
3.5
mV
–Input Bias Current
T
MIN–TMAX
±5 V, ± 15 V
2
25
µA
POWER SUPPLY
Operating Range
±1.2
±18
V
Quiescent Current
Per Amplifier
±5 V
3.5
4.0
mA
±15 V
4.5
5.5
mA
T
MIN–TMAX
±15 V
6.7
mA
Quiescent Current, Powered Down
Per Amplifier
±5 V
0.5
0.65
mA
±15 V
0.75
1.0
mA
Power Supply Rejection Ratio
Input Offset Voltage
V
S = ± 1.5 V to ± 15 V
72
80
dB
–Input Current
0.3
0.8
µA/V
+Input Current
0.005
0.05
µA/V
DISABLE CHARACTERISTICS
Off Isolation
f = 5 MHz
±5 V, ± 15 V
–57
dB
Off Output Impedance
G = +1
±5 V, ± 15 V
12.5
pF
Channel-to-Channel
2 or 3 Channels
±5 V, ± 15 V
–65
dB
Isolation
Mux, f = 5 MHz
Turn-On Time
±5 V, ± 15 V
100
ns
Turn-Off Time
80
ns
NOTES
1Slew rate measurement is based on 10% to 90% rise time in the specified closed-loop gain.
Specifications subject to change without notice.
AD813
REV. B
–3–



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com