Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD813 Datasheet(PDF) 14 Page - Analog Devices

Part # AD813
Description  Single Supply, Low Power Triple Video Amplifier
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD813 Datasheet(HTML) 14 Page - Analog Devices

Back Button AD813 Datasheet HTML 10Page - Analog Devices AD813 Datasheet HTML 11Page - Analog Devices AD813 Datasheet HTML 12Page - Analog Devices AD813 Datasheet HTML 13Page - Analog Devices AD813 Datasheet HTML 14Page - Analog Devices AD813 Datasheet HTML 15Page - Analog Devices AD813 Datasheet HTML 16Page - Analog Devices AD813 Datasheet HTML 17Page - Analog Devices AD813 Datasheet HTML 18Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 20 page
background image
AD813
REV. B
–13–
General Consideration
The AD813 is a wide bandwidth, triple video amplifier that
offers a high level of performance on less than 5.5 mA per am-
plifier of quiescent supply current. With its fast acting power
down switch, it is designed to offer outstanding functionality
and performance at closed-loop inverting or noninverting gains
of one or greater.
Built on a low cost, complementary bipolar process, and achiev-
ing bandwidth in excess of 100 MHz, differential gain and phase
errors of better than 0.1% and 0.1
° (into 150 Ω), and output
current greater than 40 mA, the AD813 is an exceptionally
efficient video amplifier. Using a conventional current feedback
architecture, its high performance is achieved through careful
attention to design details.
Choice of Feedback & Gain Resistors
Because it is a current feedback amplifier, the closed-loop band-
width of the AD813 depends on the value of the feedback resis-
tor. The bandwidth also depends on the supply voltage. In
addition, attenuation of the open-loop response when driving
load resistors less than about 250
Ω will also affect the band-
width. Table I contains data showing typical bandwidths at
different supply voltages for some useful closed-loop gains when
driving a load of 150
Ω. (Bandwidths will be about 20% greater
for load resistances above a few hundred ohms.)
Table I. –3 dB Bandwidth vs. Closed-Loop Gain and
Feedback Resistor , (RL = 150
)
V
S (V)
Gain
R
F (
)
BW (MHz)
±15
+1
866
125
+2
681
100
+10
357
60
–1
681
100
–10
357
55
± 5
+1
750
75
+2
649
65
+10
154
40
–1
649
70
–10
154
40
+5
+1
715
60
+2
619
50
+10
154
30
–1
619
50
–10
154
30
+3
+1
681
50
+2
619
40
+10
154
25
–1
619
40
–10
154
20
The choice of feedback resistor is not critical unless it is impor-
tant to maintain the widest, flattest frequency response. The
resistors recommended in the table are those (metal film values)
that will result in the widest 0.1 dB bandwidth. In those appli-
cations where the best control of the bandwidth is desired, 1%
metal film resistors are adequate. Wider bandwidths can be
attained by reducing the magnitude of the feedback resistor (at
the expense of increased peaking), while peaking can be reduced
by increasing the magnitude of the feedback resistor.
To estimate the –3 dB bandwidth for closed-loop gains or feed-
back resistors not listed in the above table, the following two
pole model for the AD813 may be used:
A
G
S
RGrC
f
S R
Gr
C
CL
FIN
T
FIN
T
=
+
++
+
2
2
2
1
()
()
π
where:
ACL= closed-loop gain from “transcapacitance”
G = 1 + RF/RG
rIN = input resistance of the inverting input
CT = “transcapacitance,” which forms the
open-loop dominant pole with the
transresistance
RF = feedback resistor
RG = gain resistor
f2 = frequency of second (nondominant) pole
s
=2
πj f
Appropriate values for the model parameters at different supply
voltages are listed in Table II. Reasonable approximations for
these values at supply voltages not found in the table can be
obtained by a simple linear interpolation between those tabu-
lated values which ‘bracket’ the desired condition.
Table II. Two Pole Model Parameters at Various Supplies
V
S (V)
r
IN (
)C
T (pF)
f
2 (MHz)
±15
85
2.5
150
± 5
90
3.8
125
+5
105
4.8
105
+3
115
5.5
95
As discussed in many amplifier and electronics textbooks (such
as Roberge’s Operational Amplifiers: Theory and Practice), the
–3 dB bandwidth for the 2-pole model can be obtained as:
f
3 =
f
n
1
− 2d 2 + (2 − 4d 2 + 4d 4 )1/2
[]1/2
where:
f n =
f 2
( RF + Gr IN ) CT
1/2
and:
d
=
1
2
f 2(R F +Gr IN ) CT
[]1/2
This model will predict –3 dB bandwidth within about 10% to
15% of the correct value when the load is 150
Ω. However, it is
not accurate enough to predict either the phase behavior or the
frequency response peaking of the AD813.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com