Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD813 Datasheet(PDF) 3 Page - Analog Devices

Part # AD813
Description  Single Supply, Low Power Triple Video Amplifier
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD813 Datasheet(HTML) 3 Page - Analog Devices

  AD813 Datasheet HTML 1Page - Analog Devices AD813 Datasheet HTML 2Page - Analog Devices AD813 Datasheet HTML 3Page - Analog Devices AD813 Datasheet HTML 4Page - Analog Devices AD813 Datasheet HTML 5Page - Analog Devices AD813 Datasheet HTML 6Page - Analog Devices AD813 Datasheet HTML 7Page - Analog Devices AD813 Datasheet HTML 8Page - Analog Devices AD813 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 20 page
background image
Model
AD813A
Conditions
V
S
Min
Typ
Max
Units
DYNAMIC PERFORMANCE
–3 dB Bandwidth
G = +2, No Peaking
±5 V
45
65
MHz
±15 V
75
100
MHz
Bandwidth for 0.1 dB
Flatness
G = +2
±5 V
15
25
MHz
±15 V
25
50
MHz
Slew Rate1
G = +2, R
L = 1 kΩ± 5 V
150
V/
µs
±15 V
150
250
V/
µs
G = –1, R
L = 1 kΩ± 5 V
225
V/
µs
±15 V
450
V/
µs
Settling Time to 0.1%
G = –1, R
L = 1 kΩ
V
O = 3 V Step
±5 V
50
ns
V
O = 10 V Step
±15 V
40
ns
NOISE/HARMONIC PERFORMANCE
Total Harmonic Distortion
f
C = 1 MHz, RL = 1 kΩ± 15 V
–90
dBc
Input Voltage Noise
f = 10 kHz
±5 V, ± 15 V
3.5
nV
√Hz
Input Current Noise
f = 10 kHz, +In
±5 V, ± 15 V
1.5
pA
√Hz
–In
±5 V, ± 15 V
18
pA
√Hz
Differential Gain Error
NTSC, G =
±2, R
L = 150 Ω± 5 V
0.08
%
±15 V
0.03
0.09
%
Differential Phase Error
±5 V
0.13
Degrees
±15 V
0.06
0.12
Degrees
DC PERFORMANCE
Input Offset Voltage
±5 V, ± 15 V
2
5
mV
T
MIN–TMAX
12
mV
Offset Drift
±5 V, ± 15 V
15
µV/°C
–Input Bias Current
±5 V, ± 15 V
5
30
µA
T
MIN–TMAX
35
µA
+Input Bias Current
±5 V, ± 15 V
0.5
1.7
µA
T
MIN–TMAX
2.5
µA
Open-Loop Voltage Gain
V
O = ± 2.5 V, RL = 150 Ω± 5 V
69
76
dB
T
MIN–TMAX
66
dB
V
O = ± 10 V, RL = 1 kΩ± 15 V
73
82
dB
T
MIN–TMAX
72
dB
Open-Loop Transresistance
V
O = ± 2.5 V, RL = 150 Ω± 5 V
300
500
k
Ω
T
MIN–TMAX
200
k
Ω
V
O = ± 10 V, RL = 1 kΩ± 15 V
400
900
k
Ω
T
MIN–TMAX
300
k
Ω
INPUT CHARACTERISTICS
Input Resistance
+Input
±15 V
15
M
Ω
–Input
±15 V
65
Ω
Input Capacitance
+Input
±15 V
1.7
pF
Input Common Mode
±5 V
±4.0
V
Voltage Range
±15 V
±13.5
V
Common-Mode Rejection Ratio
Input Offset Voltage
V
CM = ± 2.5 V
±5 V
54
58
dB
–Input Current
23
µA/V
±Input Current
0.07
0.15
µA/V
Input Offset Voltage
V
CM = ± 10 V
±15 V
57
62
dB
–Input Current
1.5
3.0
µA/V
+Input Current
0.05
0.1
µA/V
Dual Supply (@ T
A = +25 C, RL = 150
, unless otherwise noted)
AD813–SPECIFICATIONS
REV. B
–2–



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com