Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD813 Datasheet(PDF) 1 Page - Analog Devices

Part # AD813
Description  Single Supply, Low Power Triple Video Amplifier
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD813 Datasheet(HTML) 1 Page - Analog Devices

  AD813 Datasheet HTML 1Page - Analog Devices AD813 Datasheet HTML 2Page - Analog Devices AD813 Datasheet HTML 3Page - Analog Devices AD813 Datasheet HTML 4Page - Analog Devices AD813 Datasheet HTML 5Page - Analog Devices AD813 Datasheet HTML 6Page - Analog Devices AD813 Datasheet HTML 7Page - Analog Devices AD813 Datasheet HTML 8Page - Analog Devices AD813 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 20 page
background image
AD813
REV. B
a
Information furnished by Analog Devices is believed to be accurate and
reliable. However, no responsibility is assumed by Analog Devices for its
use, nor for any infringements of patents or other rights of third parties
which may result from its use. No license is granted by implication or
otherwise under any patent or patent rights of Analog Devices.
Single Supply, Low Power
Triple Video Amplifier
PIN CONFIGURATION
14-Lead DIP and SOIC
DISABLE1
DISABLE2
OUT2
–IN2
+IN1
–IN1
OUT1
DISABLE3
VS+
+IN2
VS–
1
2
14
13
5
6
7
10
9
8
3
4
12
11
AD813
+IN3
–IN3
OUT3
FEATURES
Low Cost
Three Video Amplifiers in One Package
Optimized for Driving Cables in Video Systems
Excellent Video Specifications (RL = 150
)
Gain Flatness 0.1 dB to 50 MHz
0.03% Differential Gain Error
0.06 Differential Phase Error
Low Power
Operates on Single +3 V to
15 V Power Supplies
5.5 mA/Amplifier Max Power Supply Current
High Speed
125 MHz Unity Gain Bandwidth (–3 dB)
500 V/ s Slew Rate
High Speed Disable Function per Channel
Turn-Off Time 80 ns
Easy to Use
50 mA Output Current
Output Swing to 1 V of Rails
APPLICATIONS
Video Line Driver
LCD Drivers
Computer Video Plug-In Boards
Ultrasound
RGB Amplifier
CCD Based Systems
50 MHz while offering differential gain and phase error of
0.03% and 0.06
°. This makes the AD813 ideal for broadcast
and consumer video electronics.
The AD813 offers low power of 5.5 mA per amplifier max and
runs on a single +3 V power supply. The outputs of each ampli-
fier swing to within one volt of either supply rail to easily accom-
modate video signals. While operating on a single +5 V supply
the AD813 still achieves 0.1 dB flatness to 20 MHz and 0.05%
& 0.05
° of differential gain and phase performance. All this is
offered in a small 14-lead plastic DIP or SOIC package. These
features make this triple amplifier ideal for portable and battery
powered applications where size and power are critical.
The outstanding bandwidth of 125 MHz along with 500 V/
µs of
slew rate make the AD813 useful in many general purpose, high
speed applications where a single +3 V or dual power supplies
up to
±15 V are needed. Furthermore the AD813 contains a
high speed disable function for each amplifier in order to power
down the amplifier or high impedance the output. This can then
be used in video multiplexing applications. The AD813 is avail-
able in the industrial temperature range of –40
°C to +85°C in
plastic DIP and SOIC packages as well as chips.
PRODUCT DESCRIPTION
The AD813 is a low power, single supply triple video amplifier.
Each of the three current feedback amplifiers has 50 mA of output
current, and is optimized for driving one back-terminated video
load (150
Ω). The AD813 features gain flatness of 0.1 dB to
10
90
100
0%
5V
500mV
500ns
Figure 2. Channel Switching Characteristics for a 3:1 Mux
100k
1M
100M
10M
FREQUENCY – Hz
0
0.2
0.1
–0.1
–0.2
–0.3
–0.4
–0.5
3V
15V
5V
G = +2
RL = 150
5V
Figure 1. Fine Scale Gain Flatness vs. Frequency,
G = +2, RL = 150 Ω
One Technology Way, P.O. Box 9106, Norwood, MA 02062-9106, U.S.A.
Tel: 781/329-4700
World Wide Web Site: http://www.analog.com
Fax: 781/326-8703
© Analog Devices, Inc., 1998


Similar Part No. - AD813

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD813 AD-AD813 Datasheet
550Kb / 19P
Single Supply, Low Power Triple Video Amplifier
REV.B
AD813 AD-AD813 Datasheet
394Kb / 19P
Single Supply, Low Power Triple Video Amplifier
REV. B
AD813 AD-AD813 Datasheet
394Kb / 19P
Single Supply, Low Power Triple Video Amplifier
REV. B
AD8130 AD-AD8130 Datasheet
505Kb / 28P
Low-Cost 270 MHz Differential Receiver Amplifiers
REV. 0
AD8130 AD-AD8130 Datasheet
801Kb / 40P
Low Cost 270 MHz Differential Receiver Amplifiers
REV. C
More results

Similar Description - AD813

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD8013 AD-AD8013 Datasheet
319Kb / 12P
Single Supply, Low Power, Triple Video Amplifier
REV.A
AD813 AD-AD813 Datasheet
550Kb / 19P
Single Supply, Low Power Triple Video Amplifier
REV.B
logo
Intersil Corporation
ISL59452 INTERSIL-ISL59452 Datasheet
1Mb / 15P
Triple 4:1 Single Supply Video Multiplexing Amplifier
logo
Analog Devices
AD813ARZ-14 AD-AD813ARZ-14 Datasheet
394Kb / 19P
Single Supply, Low Power Triple Video Amplifier
REV. B
AD813ANZ AD-AD813ANZ Datasheet
394Kb / 19P
Single Supply, Low Power Triple Video Amplifier
REV. B
AD813ANZ AD-AD813ANZ Datasheet
553Kb / 19P
Single Supply, Low Power Triple Video Amplifier
REV. B
AD8013ARZ-14 AD-AD8013ARZ-14 Datasheet
221Kb / 12P
Single Supply, Low Power, aTriple Video Amplifier
REV. A
AD813 AD-AD813_15 Datasheet
553Kb / 19P
Single Supply, Low Power Triple Video Amplifier
REV. B
AD8013 AD-AD8013_15 Datasheet
322Kb / 12P
Single Supply, Low Power, Triple Video Amplifier
REV. A
logo
Renesas Technology Corp
ISL59452 RENESAS-ISL59452 Datasheet
1Mb / 15P
Triple 4:1 Single Supply Video Multiplexing Amplifier
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com