Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD813 Datasheet(PDF) 9 Page - Analog Devices

Part # AD813
Description  Single Supply, Low Power Triple Video Amplifier
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD813 Datasheet(HTML) 9 Page - Analog Devices

Back Button AD813 Datasheet HTML 5Page - Analog Devices AD813 Datasheet HTML 6Page - Analog Devices AD813 Datasheet HTML 7Page - Analog Devices AD813 Datasheet HTML 8Page - Analog Devices AD813 Datasheet HTML 9Page - Analog Devices AD813 Datasheet HTML 10Page - Analog Devices AD813 Datasheet HTML 11Page - Analog Devices AD813 Datasheet HTML 12Page - Analog Devices AD813 Datasheet HTML 13Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 20 page
background image
AD813
REV. B
–8–
Figure 10. Input Offset Voltage vs. Junction
Temperature
Figure 13. Linear Output Current vs. Supply Voltage
Figure 12. Linear Output Current vs. Junction
Temperature
Figure 15. Output Resistance vs. Frequency, Disabled
State
100k
100M
10M
1M
10k
0.01
1k
10
1
0.1
100
FREQUENCY – Hz
5VS
15VS
G = +2
Figure 14. Closed-Loop Output Resistance vs.
Frequency
Figure 11. Short Circuit Current vs. Junction
Temperature
160
40
100
60
80
140
120
140
–40
–60
120
80
60
40
100
20
0
–20
JUNCTION TEMPERATURE – C
VS = 15V
SINK
SOURCE
1M
100M
10M
100k
100
1M
10k
1k
100k
FREQUENCY – Hz
70
20
50
30
40
60
20
5
015
10
SUPPLY VOLTAGE –
Volts
80
20
50
30
40
70
60
140
–40
–60
120
80
60
40
100
20
0
–20
JUNCTION TEMPERATURE – C
VS = 15V
VS = 5V
4
–16
–10
–14
–12
–4
–8
–6
–2
0
2
140
–40
–60
120
100
80
60
40
20
0
–20
JUNCTION TEMPERATURE – C
VS = 15V
VS = 5V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com