Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD813 Datasheet(PDF) 8 Page - Analog Devices

Part # AD813
Description  Single Supply, Low Power Triple Video Amplifier
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD813 Datasheet(HTML) 8 Page - Analog Devices

Back Button AD813 Datasheet HTML 4Page - Analog Devices AD813 Datasheet HTML 5Page - Analog Devices AD813 Datasheet HTML 6Page - Analog Devices AD813 Datasheet HTML 7Page - Analog Devices AD813 Datasheet HTML 8Page - Analog Devices AD813 Datasheet HTML 9Page - Analog Devices AD813 Datasheet HTML 10Page - Analog Devices AD813 Datasheet HTML 11Page - Analog Devices AD813 Datasheet HTML 12Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 20 page
background image
AD813
REV. B
–7–
Figure 5. Output Voltage Swing vs. Supply Voltage
Figure 8 Supply Current vs. Supply Voltage at Low
Voltages
Figure 9. Input Bias Current vs. Junction Temperature
Figure 6. Output Voltage Swing vs. Load Resistance
13
8
11
9
10
12
16
2
0
14
12
10
8
6
4
SUPPLY VOLTAGE –
±Volts
TA = +25 C
Figure 4. Input Common-Mode Voltage Range vs.
Supply Voltage
Figure 7. Supply Current vs. Junction Temperature
20
0
020
15
5
5
10
10
15
SUPPLY VOLTAGE –
Volts
RL = 150
NO LOAD
20
0
020
15
5
5
10
10
15
SUPPLY VOLTAGE –
Volts
25
–25
–10
–20
–15
5
–5
0
10
15
20
–60
140
–40
120
100
80
60
40
20
0
–20
JUNCTION TEMPERATURE – C
+IB, VS = 5V, 15V
–IB, VS = 15V
–IB, VS = 5V
20
8
14
10
12
18
16
140
–40
–60
120
80
60
40
100
20
0
–20
JUNCTION TEMPERATURE – C
VS = 15V
VS = 5V
30
15
0
10
100
10k
1k
10
5
20
25
LOAD RESISTANCE –
15V SUPPLY
5V SUPPLY



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com