Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PIP3221-DC Datasheet(PDF) 9 Page - NXP Semiconductors

Part # PIP3221-DC
Description  Dual channel high-side TOPFET
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

PIP3221-DC Datasheet(HTML) 9 Page - NXP Semiconductors

Back Button PIP3221-DC Datasheet HTML 5Page - NXP Semiconductors PIP3221-DC Datasheet HTML 6Page - NXP Semiconductors PIP3221-DC Datasheet HTML 7Page - NXP Semiconductors PIP3221-DC Datasheet HTML 8Page - NXP Semiconductors PIP3221-DC Datasheet HTML 9Page - NXP Semiconductors PIP3221-DC Datasheet HTML 10Page - NXP Semiconductors PIP3221-DC Datasheet HTML 11Page - NXP Semiconductors PIP3221-DC Datasheet HTML 12Page - NXP Semiconductors PIP3221-DC Datasheet HTML 13Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 16 page
background image
Philips Semiconductors
PIP3221-DC
Dual channel high-side TOPFET™
Product data
Rev. 01 — 20 February 2004
9 of 16
9397 750 12361
© Koninklijke Philips Electronics N.V. 2004. All rights reserved.
VBG = 13 V; VIG =5V;Tj =25 °CVBG = 16 V; VIG =5V; Tmb =25 °C
Fig 6.
Status current as a function of status-ground
voltage; typical values.
Fig 7.
Self-limiting load current as a function of
battery-load voltage; typical values.
5.5 V
≤ VBG ≤ 35 V
VBG =35V
Fig 8.
Input-ground threshold voltage as a function of
junction temperature.
Fig 9.
Battery quiescent current as a function of
junction temperature; typical values.
03pa94
0
1
2
3
4
5
0123
VSG (V)
IS
(mA)
03pa93
0
4
8
12
16
0
4
8
12
16
VBL (V)
IL(lim)
(A)
03pa98
1
1.5
2
2.5
3
3.5
-50
0
50
100
150
200
Tj (°C)
VIG(th)
(V)
max
min
VIG(off)
VIG(on)
03pa97
0
2
4
6
-50
0
50
100
150
200
Tj (°C)
IB
(
µA)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com