Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PIP3221-DC Datasheet(PDF) 13 Page - NXP Semiconductors

Part # PIP3221-DC
Description  Dual channel high-side TOPFET
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

PIP3221-DC Datasheet(HTML) 13 Page - NXP Semiconductors

Back Button PIP3221-DC Datasheet HTML 8Page - NXP Semiconductors PIP3221-DC Datasheet HTML 9Page - NXP Semiconductors PIP3221-DC Datasheet HTML 10Page - NXP Semiconductors PIP3221-DC Datasheet HTML 11Page - NXP Semiconductors PIP3221-DC Datasheet HTML 12Page - NXP Semiconductors PIP3221-DC Datasheet HTML 13Page - NXP Semiconductors PIP3221-DC Datasheet HTML 14Page - NXP Semiconductors PIP3221-DC Datasheet HTML 15Page - NXP Semiconductors PIP3221-DC Datasheet HTML 16Page - NXP Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 13 / 16 page
background image
Philips Semiconductors
PIP3221-DC
Dual channel high-side TOPFET™
Product data
Rev. 01 — 20 February 2004
13 of 16
9397 750 12361
© Koninklijke Philips Electronics N.V. 2004. All rights reserved.
11. Package outline
Fig 15. SOT427 (D2-PAK).
REFERENCES
OUTLINE
VERSION
EUROPEAN
PROJECTION
ISSUE DATE
IEC
JEDEC
EIAJ
SOT427
0
2.5
5 mm
scale
Plastic single-ended surface mounted package (Philips version of D2-PAK);
7 leads (one lead cropped)
SOT427
ee
e
e
e
e
E
b
A1
A
A1
Lp
bc
e
A
UNIT
DIMENSIONS (mm are the original dimensions)
E
mm
4.50
4.10
1.40
1.27
0.85
0.60
0.64
0.46
2.90
2.10
HD
15.80
14.80
Q
2.60
2.20
10.30
9.70
D1
1.60
1.20
1.27
D
max.
11
1
4
7
mounting
base
D1
HD
D
Q
Lp
c
99-06-25
01-04-18



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com