Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PIP3221-DC Datasheet(PDF) 1 Page - NXP Semiconductors

Part # PIP3221-DC
Description  Dual channel high-side TOPFET
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

PIP3221-DC Datasheet(HTML) 1 Page - NXP Semiconductors

  PIP3221-DC Datasheet HTML 1Page - NXP Semiconductors PIP3221-DC Datasheet HTML 2Page - NXP Semiconductors PIP3221-DC Datasheet HTML 3Page - NXP Semiconductors PIP3221-DC Datasheet HTML 4Page - NXP Semiconductors PIP3221-DC Datasheet HTML 5Page - NXP Semiconductors PIP3221-DC Datasheet HTML 6Page - NXP Semiconductors PIP3221-DC Datasheet HTML 7Page - NXP Semiconductors PIP3221-DC Datasheet HTML 8Page - NXP Semiconductors PIP3221-DC Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 16 page
background image
PIP3221-DC
Dual channel high-side TOPFET™
Rev. 01 — 20 February 2004
Product data
1.
Product profile
1.1 Description
Monolithic temperature and overload protected dual high-side power switch based on
TOPFET™ Trench technology in a 7-pin surface mount plastic package.
1.2 Features
1.3 Applications
1.4 Quick reference data
s Very low quiescent current
s CMOS logic compatibility
s Power TrenchMOS™
s Current limitation
s Overtemperature protection
s Soft latched overload protection
s Over and undervoltage protection
s ESD protection for all pins
s Reverse battery protection
s Diagnostic status indication
s Low charge pump noise
s Off-state open load detection
s Loss of ground protection
s Load dump protection
s Negative load clamping
s Internal ground resistor.
s 12 and 24 V grounded loads
s High inrush current loads
s Inductive loads
s Replacement for relays and fuses.
Table 1:
Quick reference data
Symbol
Parameter
Min
Max
Units
RBLon
battery-load on-state resistance
-
90
m
Ω
IL
load current
-
4
A
IL(nom)
nominal load current (ISO)
3.6
-
A
IL(lim)
self-limiting load current
8
16
A
VBG(oper)
battery-ground operating voltage
5.5
35
V


Similar Part No. - PIP3221-DC

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
PIP3224-DC PHILIPS-PIP3224-DC Datasheet
105Kb / 16P
Dual channel high-side TOPFET
Rev. 01-20 February 2004
More results

Similar Description - PIP3221-DC

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
PIP3202-DC PHILIPS-PIP3202-DC Datasheet
50Kb / 9P
TOPFET dual high side switch
September 2001 Rev 1.000
PIP3207-DC PHILIPS-PIP3207-DC Datasheet
50Kb / 9P
TOPFET dual high side switch
September 2001 Rev 1.100
BUK212-50Y PHILIPS-BUK212-50Y Datasheet
413Kb / 16P
Single channel high-side TOPFET?
Rev. 01-17 March 2003
BUK221-50DY PHILIPS-BUK221-50DY Datasheet
435Kb / 16P
Dual channel high-side TOPFET
Rev. 01-16 April 2003
BUK218-50DY PHILIPS-BUK218-50DY Datasheet
64Kb / 9P
TOPFET dual high side switch
May 2001-Rev 1.400
PIP3224-DC PHILIPS-PIP3224-DC Datasheet
105Kb / 16P
Dual channel high-side TOPFET
Rev. 01-20 February 2004
BUK213-50Y PHILIPS-BUK213-50Y Datasheet
116Kb / 16P
Single channel high-side TOPFET
Rev. 02-06 June 2002
BUK218-50DC PHILIPS-BUK218-50DC Datasheet
50Kb / 9P
TOPFET dual high side switch
October 2001-Rev 2.010
BUK212-50Y NXP-BUK212-50Y Datasheet
418Kb / 16P
Single channel high-side TOPFET?
Rev. 01-17 March 2003
BUK209-50Y NXP-BUK209-50Y Datasheet
58Kb / 8P
TOPFET high side switch
September 2002 Rev 2.000
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com