Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PIP3221-DC Datasheet(PDF) 10 Page - NXP Semiconductors

Part # PIP3221-DC
Description  Dual channel high-side TOPFET
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

PIP3221-DC Datasheet(HTML) 10 Page - NXP Semiconductors

Back Button PIP3221-DC Datasheet HTML 6Page - NXP Semiconductors PIP3221-DC Datasheet HTML 7Page - NXP Semiconductors PIP3221-DC Datasheet HTML 8Page - NXP Semiconductors PIP3221-DC Datasheet HTML 9Page - NXP Semiconductors PIP3221-DC Datasheet HTML 10Page - NXP Semiconductors PIP3221-DC Datasheet HTML 11Page - NXP Semiconductors PIP3221-DC Datasheet HTML 12Page - NXP Semiconductors PIP3221-DC Datasheet HTML 13Page - NXP Semiconductors PIP3221-DC Datasheet HTML 14Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 16 page
background image
Philips Semiconductors
PIP3221-DC
Dual channel high-side TOPFET™
Product data
Rev. 01 — 20 February 2004
10 of 16
9397 750 12361
© Koninklijke Philips Electronics N.V. 2004. All rights reserved.
9.
Dynamic characteristics
[1]
Short circuit response time td(sc) varies with battery-load power PBL according to the logarithmic model equation:
Table 8:
Switching characteristics
Tmb =25 °C; VBG = 13 V; resistive load RL =13 Ω per channel; Figure 12.
Symbol
Parameter
Conditions
Min
Typ
Max
Unit
Turn-on measured from the input going HIGH
td(on)
turn-on delay time
to 10 % VL
-30
-
µs
dV/dton
rising slew rate
30 to 70 % VL
0.5
1
2
V/
µs
ton
turn-on switching time
to 90 % VL
-
60
220
µs
Turn-off measured from the input going LOW
td(off)
turn-off delay time
to 90 % VL
-20
-
µs
dV/dtoff
falling slew rate
70 to 30 % VL
0.5
1
2
V/
µs
toff
turn-off switching time
to 10 % VL
-
40
200
µs
Table 9:
Capacitances
Tmb =25 °C; f = 1 MHz; VIG =0V.
Symbol
Parameter
Conditions
Min
Typ
Max
Unit
Csg
status-ground capacitance
VSG = 5 V
-
11
15
pF
Per channel
Cig
input-ground capacitance
VBG = 13 V
-
1520pF
Cbl
battery-load capacitance
VBL = 13 V
-
130
180
pF
Table 10:
Short circuit load protection characteristics
Tmb ≤ 125 °C prior to the overload short circuit condition.
Symbol
Parameter
Conditions
Min
Typ
Max
Unit
PBL(OV)(th)
battery-load overload power threshold
5.5
≤ VBG ≤ 35 V; device trips if
PBL >PBL(OV)(th); Figure 11
10
55
100
W
tBL(d)(sc)
battery-load short-circuit characteristic
time
[1]
200
350
800
µs
t
d(sc)
t
BL(d)(sc)
P
BL
P
BL(OV)(th)
--------------------------


ln
-------------------------------------
≈
Table 11:
Status response times
Limits are valid for
−40 °C ≤ Tmb ≤ +150 °C and typical values for Tmb =25 °C unless otherwise specified.
Symbol
Parameter
Conditions
Min
Typ
Max
Unit
Measured from when the input goes LOW to when the status goes LOW
td(oc)
open-circuit response time
Figure 10 and 14
-
65
100
µs



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com