Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PIP3221-DC Datasheet(PDF) 2 Page - NXP Semiconductors

Part # PIP3221-DC
Description  Dual channel high-side TOPFET
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

PIP3221-DC Datasheet(HTML) 2 Page - NXP Semiconductors

  PIP3221-DC Datasheet HTML 1Page - NXP Semiconductors PIP3221-DC Datasheet HTML 2Page - NXP Semiconductors PIP3221-DC Datasheet HTML 3Page - NXP Semiconductors PIP3221-DC Datasheet HTML 4Page - NXP Semiconductors PIP3221-DC Datasheet HTML 5Page - NXP Semiconductors PIP3221-DC Datasheet HTML 6Page - NXP Semiconductors PIP3221-DC Datasheet HTML 7Page - NXP Semiconductors PIP3221-DC Datasheet HTML 8Page - NXP Semiconductors PIP3221-DC Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 16 page
background image
Philips Semiconductors
PIP3221-DC
Dual channel high-side TOPFET™
Product data
Rev. 01 — 20 February 2004
2 of 16
9397 750 12361
© Koninklijke Philips Electronics N.V. 2004. All rights reserved.
2.
Pinning information
2.1 Pin description
[1]
Pin 4 is cropped and cannot be connected to the PCB by surface mounting.
[2]
The battery is connected to the mounting base.
3.
Ordering information
No connection can be made to pin 4 (cropped).
P represents protection circuitry.
Fig 1.
Pinning; SOT427 (D2-PAK).
Fig 2.
Symbol; (Dual High-Side Switch) TOPFETTM.
Front view
MBK128
1 2 3 4 5 6 7
mb
I1
G
B
L1
S
L2
I2
03pa68
P
Table 2:
Pin description
Symbol
Pin
I/O
Description
L1
1
O
load 1
G
2
-
circuit common ground
I1
3
I
input 1
B4
-
[1] [2]
battery
S
5
O
status
I2
6
I
input 2
L2
7
O
load 2
-mb
-
[2]
mounting base
Table 3:
Ordering information
Type number
Package
Name
Description
Version
PIP3221-DC
D2-PAK
Plastic single-ended surface mounted package (Philips version of D2-PAK);
7 leads (one lead cropped)
SOT427



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com