Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PIP3221-DC Datasheet(PDF) 11 Page - NXP Semiconductors

Part # PIP3221-DC
Description  Dual channel high-side TOPFET
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

PIP3221-DC Datasheet(HTML) 11 Page - NXP Semiconductors

Back Button PIP3221-DC Datasheet HTML 7Page - NXP Semiconductors PIP3221-DC Datasheet HTML 8Page - NXP Semiconductors PIP3221-DC Datasheet HTML 9Page - NXP Semiconductors PIP3221-DC Datasheet HTML 10Page - NXP Semiconductors PIP3221-DC Datasheet HTML 11Page - NXP Semiconductors PIP3221-DC Datasheet HTML 12Page - NXP Semiconductors PIP3221-DC Datasheet HTML 13Page - NXP Semiconductors PIP3221-DC Datasheet HTML 14Page - NXP Semiconductors PIP3221-DC Datasheet HTML 15Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 16 page
background image
Philips Semiconductors
PIP3221-DC
Dual channel high-side TOPFET™
Product data
Rev. 01 — 20 February 2004
11 of 16
9397 750 12361
© Koninklijke Philips Electronics N.V. 2004. All rights reserved.
RI ≥ 3.3 kΩ; RS =47kΩ; RSS ≥ 3.3 kΩ and RL(oc) =10kΩ.
Fig 10. Typical dynamic response circuit diagram including reverse supply protection and open load detection.
03pa90
P
RL
VS
VIG
RSS
VSG
VBG
RS
RL(oc)
IL
IG
VL
RI
II
IB
IS
VBG = 13 V; VIG = 5 V and Tj =25 °C
Fig 11. Short circuit protection waveforms.
Fig 12. Resistive switching waveforms and definitions.
0 V
0.7 V
0
03pb03
0 A
VIG
VSG
IL
5 V
5 V
td(sc)
0 V
0
03pa51
0 V
90%
VIG
VSG
VL
5 V
5 V
10%
ton
toff
dV/dton
dV/dtoff



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com