Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CP10.241-R1 Datasheet(PDF) 10 Page - PULS GmbH

Part # CP10.241-R1
Description  24V, 10A, 240W, SINGLE PHASE
PDF  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PULS [PULS GmbH]
Direct Link  http://www.pulspower.com/
Logo PULS - PULS GmbH

CP10.241-R1 Datasheet(HTML) 10 Page - PULS GmbH

Back Button CP10.241-R1 Datasheet HTML 6Page - PULS GmbH CP10.241-R1 Datasheet HTML 7Page - PULS GmbH CP10.241-R1 Datasheet HTML 8Page - PULS GmbH CP10.241-R1 Datasheet HTML 9Page - PULS GmbH CP10.241-R1 Datasheet HTML 10Page - PULS GmbH CP10.241-R1 Datasheet HTML 11Page - PULS GmbH CP10.241-R1 Datasheet HTML 12Page - PULS GmbH CP10.241-R1 Datasheet HTML 13Page - PULS GmbH CP10.241-R1 Datasheet HTML 14Page - PULS GmbH Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 31 page
background image
CP10.241-R1, CP10.241-R2,
CP10.241-R3,CP10.242-R2
CP-Series
24V, 10A, 240W, SINGLE PHASE
Feb. 2018 / CP10.241-R2 Rev0.3-EN - All values are typical figures specified at 230Vac, 50Hz input voltage, 24V, 10A output
load, 25°C ambient and after a 5 minutes run-in time unless otherwise noted.
www.pulspower.com Phone +49 89 9278 0
Germany
10/31
P R E L I M I N A R Y
8. DC-OK RELAY CONTACT
This feature monitors the output voltage of the power supply in front of the decoupling device (see also chapter 12).
Contact closes
As soon as the output voltage reaches typically 22Vdc.
Contact opens
As soon as the output voltage dips below 22Vdc.
Short dips will be extended to a signal length of 100ms. Dips shorter than 1ms will be ignored.
Switching hysteresis
1V
Contact ratings
Maximal 60Vdc 0.3A, 30Vdc 1A, 30Vac 0.5A, resistive load
Minimal permissible load: 1mA at 5Vdc
Isolation voltage
See dielectric strength table in chapter 19.
Fig. 8-1 DC-ok relay contact behavior
100ms
22Vdc
<
1ms
open
open
closed
closed
>
1...4ms



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com