Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CP10.241-R1 Datasheet(PDF) 21 Page - PULS GmbH

Part # CP10.241-R1
Description  24V, 10A, 240W, SINGLE PHASE
PDF  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PULS [PULS GmbH]
Direct Link  http://www.pulspower.com/
Logo PULS - PULS GmbH

CP10.241-R1 Datasheet(HTML) 21 Page - PULS GmbH

Back Button CP10.241-R1 Datasheet HTML 17Page - PULS GmbH CP10.241-R1 Datasheet HTML 18Page - PULS GmbH CP10.241-R1 Datasheet HTML 19Page - PULS GmbH CP10.241-R1 Datasheet HTML 20Page - PULS GmbH CP10.241-R1 Datasheet HTML 21Page - PULS GmbH CP10.241-R1 Datasheet HTML 22Page - PULS GmbH CP10.241-R1 Datasheet HTML 23Page - PULS GmbH CP10.241-R1 Datasheet HTML 24Page - PULS GmbH CP10.241-R1 Datasheet HTML 25Page - PULS GmbH Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 31 page
background image
CP10.241-R1, CP10.241-R2,
CP10.241-R3,CP10.242-R2
CP-Series
24V, 10A, 240W, SINGLE PHASE
Feb. 2018 / CP10.241-R2 Rev0.3-EN - All values are typical figures specified at 230Vac, 50Hz input voltage, 24V, 10A output
load, 25°C ambient and after a 5 minutes run-in time unless otherwise noted.
www.pulspower.com Phone +49 89 9278 0
Germany
21/31
P R E L I M I N A R Y
20. APPROVALS
EC Declaration of Conformity
The CE mark indicates conformance with the
- EMC directive,
- Low-voltage directive and the
- ATEX directive (planned)
IEC 60950-1
2nd Edition
planned
CB Scheme for I.T.E.
Information Technology Equipment
IEC 62368-1
2nd Edition
planned
CB Scheme for I.C.T.
Information and Communication Technology
IEC 61010-2-201
2nd Edition
planned
CB Scheme for electrical equipment for measurement,
control, and laboratory use - Part 2-201: Particular
requirements for control equipment
ANSI/UL 61010-2-201
(former UL 508)
planned
Ind. Cont. Eq.
Listed as Open Type Device for use in Control Equipment
UL Category NMTR, NMTR7
E-File: E198865
ANSI/ISA 12.12.01
Class I Div 2
planned
Process Cont. Eq.
Listed for use in Hazardous Location Class I Div 2
EN 60079-0, EN 60079-7
ATEX
planned
II 3G Ex ec nC II T4 Gc
Approval for use in hazardous locations Zone 2 Category 3G.
Number of ATEX certificate: T.B.D.
IEC 60079-0, IEC 60079-7
planned
IECEx
Suitable for use in Class 1 Zone 2 Groups IIa, IIb and IIc
locations.
Number of IECEx certificate: T.B.D.
EAC TR Registration
(only for CP10.241-R1 and
CP10.241-R3)
Registration for the Eurasian Customs Union market
(Russia, Kazakhstan, Belarus)
21. OTHER FULFILLED STANDARDS
RoHS Directive
Directive 2011/65/EU of the European Parliament and the
Council of June 8th, 2011 on the restriction of the use of
certain hazardous substances in electrical and electronic
equipment.
REACH Directive
Directive 1907/2006/EU of the European Parliament and the
Council of June 1st, 2007 regarding the Registration,
Evaluation, Authorisation and Restriction of Chemicals
(REACH)
IEC/EN 61558-2-16
(Annex BB)
Safety Isolating
Transformer
Safety Isolating Transformers corresponding to Part 2-6 of the
IEC/EN 61558



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com