Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CP10.241-R1 Datasheet(PDF) 12 Page - PULS GmbH

Part # CP10.241-R1
Description  24V, 10A, 240W, SINGLE PHASE
PDF  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PULS [PULS GmbH]
Direct Link  http://www.pulspower.com/
Logo PULS - PULS GmbH

CP10.241-R1 Datasheet(HTML) 12 Page - PULS GmbH

Back Button CP10.241-R1 Datasheet HTML 8Page - PULS GmbH CP10.241-R1 Datasheet HTML 9Page - PULS GmbH CP10.241-R1 Datasheet HTML 10Page - PULS GmbH CP10.241-R1 Datasheet HTML 11Page - PULS GmbH CP10.241-R1 Datasheet HTML 12Page - PULS GmbH CP10.241-R1 Datasheet HTML 13Page - PULS GmbH CP10.241-R1 Datasheet HTML 14Page - PULS GmbH CP10.241-R1 Datasheet HTML 15Page - PULS GmbH CP10.241-R1 Datasheet HTML 16Page - PULS GmbH Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 31 page
background image
CP10.241-R1, CP10.241-R2,
CP10.241-R3,CP10.242-R2
CP-Series
24V, 10A, 240W, SINGLE PHASE
Feb. 2018 / CP10.241-R2 Rev0.3-EN - All values are typical figures specified at 230Vac, 50Hz input voltage, 24V, 10A output
load, 25°C ambient and after a 5 minutes run-in time unless otherwise noted.
www.pulspower.com Phone +49 89 9278 0
Germany
12/31
P R E L I M I N A R Y
10. LIFETIME EXPECTANCY
The Lifetime expectancy shown in the table indicates the minimum operating hours (service life) and is determined by
the lifetime expectancy of the built-in electrolytic capacitors. Lifetime expectancy is specified in operational hours and
is calculated according to the capacitor’s manufacturer specification. The manufacturer of the electrolytic capacitors
only guarantees a maximum life of up to 15 years (131 400h). Any number exceeding this value is a calculated
theoretical lifetime which can be used to compare devices.
AC 100V
AC 120V
AC 230V
Lifetime expectancy
143 000h
153 000h
188 000h
At 5A and 40°C
405 000h
434 000h
531 000h
At 5A and 25°C
66 000h
78 000h
109 000h
At 10A and 40°C
188 000h
220 000h
307 000h
At 10A and 25°C
37 000h
47 000h
71 000h
At 12A and 40°C
105 000h
132 000h
200 000h
At 12A and 25°C
11. MTBF
MTBF stands for Mean Time Between Failure, which is calculated according to statistical device failures, and indicates
reliability of a device. It is the statistical representation of the likelihood of a unit to fail and does not necessarily
represent the life of a product.
The MTBF figure is a statistical representation of the likelihood of a device to fail. A MTBF figure of e.g. 1 000 000h
means that statistically one unit will fail every 100 hours if 10 000 units are installed in the field. However, it can not
be determined if the failed unit has been running for 50 000h or only for 100h.
For these types of units the MTTF (Mean Time To Failure) value is the same value as the MTBF value.
AC 100V
AC 120V
AC 230V
MTBF SN 29500, IEC 61709
535 000h
556 000h
641 000h
At 10A and 40°C
972 000h
1 006 000h
1 138 000h
At 10A and 25°C
MTBF MIL HDBK 217F
205 000h
208 000h
232 000h
At 10A and 40°C;
Ground Benign GB40
279 000h
283 000h
318 000h
At 10A and 25°C;
Ground Benign GB25
45 000h
46 000h
53 000h
At 10A and 40°C;
Ground Fixed GF40
58 000h
59 000h
63 000h
At 10A and 25°C;
Ground Fixed GF25



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com