Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CP10.241-R1 Datasheet(PDF) 15 Page - PULS GmbH

Part # CP10.241-R1
Description  24V, 10A, 240W, SINGLE PHASE
PDF  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PULS [PULS GmbH]
Direct Link  http://www.pulspower.com/
Logo PULS - PULS GmbH

CP10.241-R1 Datasheet(HTML) 15 Page - PULS GmbH

Back Button CP10.241-R1 Datasheet HTML 11Page - PULS GmbH CP10.241-R1 Datasheet HTML 12Page - PULS GmbH CP10.241-R1 Datasheet HTML 13Page - PULS GmbH CP10.241-R1 Datasheet HTML 14Page - PULS GmbH CP10.241-R1 Datasheet HTML 15Page - PULS GmbH CP10.241-R1 Datasheet HTML 16Page - PULS GmbH CP10.241-R1 Datasheet HTML 17Page - PULS GmbH CP10.241-R1 Datasheet HTML 18Page - PULS GmbH CP10.241-R1 Datasheet HTML 19Page - PULS GmbH Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 31 page
background image
CP10.241-R1, CP10.241-R2,
CP10.241-R3,CP10.242-R2
CP-Series
24V, 10A, 240W, SINGLE PHASE
Feb. 2018 / CP10.241-R2 Rev0.3-EN - All values are typical figures specified at 230Vac, 50Hz input voltage, 24V, 10A output
load, 25°C ambient and after a 5 minutes run-in time unless otherwise noted.
www.pulspower.com Phone +49 89 9278 0
Germany
15/31
P R E L I M I N A R Y
14. REPLACING UNITS WHILE THE SYSTEM IS RUNNING
This feature is available only for the CP10.241-R2 and CP10.242-R2 units, which are equipped with hot-swappable plug
connectors.
Fig. 14-1 Replacing the power supply or redundancy module while the system is running
Load
I
I
L
N
PE
1a
L
N
PE
+
-
CP10.241-R2
Power Supply
DC-OK
DC-
OK
Output 24V 10A
Input
L
N
PE
+
-
CP10.241-R2
Power Supply
DC-OK
DC-
OK
Output 24V 10A
Input
1b
2a
3a
3b
2b
Replacement instructions (Example for left power supply):
-
Switch-off circuit breaker (1a).
-
Remove plug (2a).
-
Remove plug (3a). The plug prevents the cables from shorting.
-
Change power supply.
-
Put the plug (3a) back in.
-
Put the plug (2a) back in.
-
Turn-on the circuit breaker (1a).
-
The circuit is redundant again.
To replace the right power supply, repeat the process above using (1b), (2b) and (3b).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com