Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CP10.241-R1 Datasheet(PDF) 22 Page - PULS GmbH

Part # CP10.241-R1
Description  24V, 10A, 240W, SINGLE PHASE
PDF  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PULS [PULS GmbH]
Direct Link  http://www.pulspower.com/
Logo PULS - PULS GmbH

CP10.241-R1 Datasheet(HTML) 22 Page - PULS GmbH

Back Button CP10.241-R1 Datasheet HTML 18Page - PULS GmbH CP10.241-R1 Datasheet HTML 19Page - PULS GmbH CP10.241-R1 Datasheet HTML 20Page - PULS GmbH CP10.241-R1 Datasheet HTML 21Page - PULS GmbH CP10.241-R1 Datasheet HTML 22Page - PULS GmbH CP10.241-R1 Datasheet HTML 23Page - PULS GmbH CP10.241-R1 Datasheet HTML 24Page - PULS GmbH CP10.241-R1 Datasheet HTML 25Page - PULS GmbH CP10.241-R1 Datasheet HTML 26Page - PULS GmbH Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 31 page
background image
CP10.241-R1, CP10.241-R2,
CP10.241-R3,CP10.242-R2
CP-Series
24V, 10A, 240W, SINGLE PHASE
Feb. 2018 / CP10.241-R2 Rev0.3-EN - All values are typical figures specified at 230Vac, 50Hz input voltage, 24V, 10A output
load, 25°C ambient and after a 5 minutes run-in time unless otherwise noted.
www.pulspower.com Phone +49 89 9278 0
Germany
22/31
P R E L I M I N A R Y
22. PHYSICAL DIMENSIONS AND WEIGHT
Width
39mm 1.54’’
Height
124mm 4.88’’ (without plug-connectors)
Depth
117mm 4.61’’ (without plug-connector) The DIN-rail height must be added to the unit depth
to calculate the total required installation depth.
Weight
600g / 1.32lb
DIN-Rail
Use 35mm DIN-rails according to EN 60715 or EN 50022 with a height of 7.5 or 15mm.
Housing material
Body: Aluminium alloy
Cover: zinc-plated steel
Installation clearances
See chapter 2
Penetration protection
Small parts like screws, nuts, etc. with a diameter larger than 4mm
Fig. 22-1 Front view
CP10.241-R1
CP10.241-R3
Fig. 22-2 Side view CP10.241-R1 and CP10.241-R3
All dimensions in mm
All dimensions in mm
Fig. 22-3 Front view CP10.241-R2
Fig. 22-4 Side view CP10.241-R2
All dimensions in mm
All dimensions in mm



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com