Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CP10.241-R1 Datasheet(PDF) 20 Page - PULS GmbH

Part # CP10.241-R1
Description  24V, 10A, 240W, SINGLE PHASE
PDF  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PULS [PULS GmbH]
Direct Link  http://www.pulspower.com/
Logo PULS - PULS GmbH

CP10.241-R1 Datasheet(HTML) 20 Page - PULS GmbH

Back Button CP10.241-R1 Datasheet HTML 16Page - PULS GmbH CP10.241-R1 Datasheet HTML 17Page - PULS GmbH CP10.241-R1 Datasheet HTML 18Page - PULS GmbH CP10.241-R1 Datasheet HTML 19Page - PULS GmbH CP10.241-R1 Datasheet HTML 20Page - PULS GmbH CP10.241-R1 Datasheet HTML 21Page - PULS GmbH CP10.241-R1 Datasheet HTML 22Page - PULS GmbH CP10.241-R1 Datasheet HTML 23Page - PULS GmbH CP10.241-R1 Datasheet HTML 24Page - PULS GmbH Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 31 page
background image
CP10.241-R1, CP10.241-R2,
CP10.241-R3,CP10.242-R2
CP-Series
24V, 10A, 240W, SINGLE PHASE
Feb. 2018 / CP10.241-R2 Rev0.3-EN - All values are typical figures specified at 230Vac, 50Hz input voltage, 24V, 10A output
load, 25°C ambient and after a 5 minutes run-in time unless otherwise noted.
www.pulspower.com Phone +49 89 9278 0
Germany
20/31
P R E L I M I N A R Y
19. DIELECTRIC STRENGTH
The output voltage is floating and has no ohmic connection to the ground. Type and routine tests are conducted by
the manufacturer. Field tests may be conducted in the field using the appropriate test equipment which applies the
voltage with a slow ramp (2s up and 2s down). Connect all input-terminals together as well as all output poles before
conducting the test. When testing, set the cut-off current settings to the value in the table below.
Fig. 19-1 Dielectric strength
A
B
C
D
Type test
60s
2500Vac
4000Vac
1000Vac
500Vac
Routine test
5s
2500Vac
2500Vac
500Vac
500Vac
Field test
5s
2000Vac
2000Vac
500Vac
500Vac
Cut-off current setting
for field test
> 10mA
> 10mA
> 20mA
> 1mA
AD
C
B *)
N
L
Input
DC-ok
Earth, PE
Output
-
+
It is recommend that either the + pole, the – pole or any other part
of the output circuit shall be connected to the earth/ground system.
This helps to avoid situations in which a load starts unexpectedly or
can not be switched off when unnoticed earth faults occur.
B*) When testing input to DC-OK ensure that the maximal voltage between DC-OK and the output is not exceeded (column D). We
recommend connecting DC-OK pins and the output pins together when performing the test.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com