Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MPZ2012S300A Datasheet(PDF) 5 Page - Diodes Incorporated

Part # MPZ2012S300A
Description  HIGH EFFICIENCY 36V 1.5A BUCK LED DRIVER
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

MPZ2012S300A Datasheet(HTML) 5 Page - Diodes Incorporated

  MPZ2012S300A Datasheet HTML 1Page - Diodes Incorporated MPZ2012S300A Datasheet HTML 2Page - Diodes Incorporated MPZ2012S300A Datasheet HTML 3Page - Diodes Incorporated MPZ2012S300A Datasheet HTML 4Page - Diodes Incorporated MPZ2012S300A Datasheet HTML 5Page - Diodes Incorporated MPZ2012S300A Datasheet HTML 6Page - Diodes Incorporated MPZ2012S300A Datasheet HTML 7Page - Diodes Incorporated MPZ2012S300A Datasheet HTML 8Page - Diodes Incorporated MPZ2012S300A Datasheet HTML 9Page - Diodes Incorporated Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 15 page
background image
AL8806
Document number: DS35144 Rev. 5 - 2
5 of 15
www.diodes.com
July 2013
© Diodes Incorporated
AL8806
Typical Performance Characteristics (cont.)
0.0
0.5
1.0
1.5
2.0
2.5
3.0
3.5
4.0
4.5
5.0
0%
20%
40%
60%
80%
100%
PWM Duty C ycle
I
vs. PWM Duty Cycle
LED
0
0.1
0.2
0.3
0.4
0.5
0.6
0.7
0.8
0.9
1
V
= 12V
1 LED
R
= 150m
L = 68µH
IN
SET
LED Current Error
ILED
0
20
40
60
80
100
120
140
160
180
200
05
10
15
20
25
30
V
(V)
R
vs. Input Voltage
IN
DS(ON)
V
= Open
V
= V
12V
T = 25 C
CTRL
SET
IN
A
100
120
140
160
180
200
220
240
260
-40
-15
10
35
60
85
110
AMBIENT TEMPERATURE (°C)
SW R
vs. Temperature
DS(ON)
V
= Open
V
= V
12V
CTRL
SET
IN
80
85
90
95
100
105
110
115
120
125
130
02
4
6
8
Time (µs)
SW Output Switching Characteristics
-2
0
2
4
6
8
10
12
14
16
18
R
= 150m
L = 68µH
SET
V
= 12V
1 LED Load
IN
V
SW
V
SENSE
0%
10%
20%
30%
40%
50%
60%
70%
80%
90%
100%
6
9
12
15
18
21
24
27
30
Input Voltage (V)
Duty Cycle vs. Input Voltage
L = 33µH
R
= 150m
T = 25 C
SET
A
2 LED



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com