Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MPZ2012S300A Datasheet(PDF) 3 Page - Diodes Incorporated

Part # MPZ2012S300A
Description  HIGH EFFICIENCY 36V 1.5A BUCK LED DRIVER
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

MPZ2012S300A Datasheet(HTML) 3 Page - Diodes Incorporated

  MPZ2012S300A Datasheet HTML 1Page - Diodes Incorporated MPZ2012S300A Datasheet HTML 2Page - Diodes Incorporated MPZ2012S300A Datasheet HTML 3Page - Diodes Incorporated MPZ2012S300A Datasheet HTML 4Page - Diodes Incorporated MPZ2012S300A Datasheet HTML 5Page - Diodes Incorporated MPZ2012S300A Datasheet HTML 6Page - Diodes Incorporated MPZ2012S300A Datasheet HTML 7Page - Diodes Incorporated MPZ2012S300A Datasheet HTML 8Page - Diodes Incorporated MPZ2012S300A Datasheet HTML 9Page - Diodes Incorporated Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 15 page
background image
AL8806
Document number: DS35144 Rev. 5 - 2
3 of 15
www.diodes.com
July 2013
© Diodes Incorporated
AL8806
Absolute Maximum Ratings (@TA = +25°C, unless otherwise specified.)
Symbol
Parameter
Ratings
Unit
ESD HBM
Human Body Model ESD Protection
2.5
kV
ESD MM
Machine Model ESD Protection
200
V
VIN
Continuous VIN pin voltage relative to GND
-0.3 to +40
V
VSW
SW voltage relative to GND
-0.3 to +40
V
VCTRL
CTRL pin input voltage
-0.3 to +6
V
ISW-RMS
DC or RMS switch current
1.65
A
ISW-PK
Peak switch current (<10%)
3
A
TJ
Junction Temperature
150
°C
TLEAD
Lead Temperature Soldering
300
°C
TST
Storage Temperature Range
-65 to +150
°C
Caution:
Stresses greater than the 'Absolute Maximum Ratings' specified above, may cause permanent damage to the device. These are stress ratings only;
functional operation of the device at these or any other conditions exceeding those indicated in this specification is not implied. Device reliability may be
affected by exposure to absolute maximum rating conditions for extended periods of time.
Semiconductor devices are ESD sensitive and may be damaged by exposure to ESD events. Suitable ESD precautions should be taken when handling
and transporting these devices.
Recommended Operating Conditions (@TA = +25°C, unless otherwise specified.)
Symbol
Parameter
Min
Max
Unit
VIN
Operating Input Voltage relative to GND
6.0
36
V
VCTRLH
Voltage High for PWM dimming relative to GND
2.6
5.5
V
VCTRLDC
Voltage range for 20% to 100% DC dimming relative to GND
0.5
2.5
V
VCTRLL
Voltage Low for PWM dimming relative to GND
0
0.4
V
ISW
DC or RMS switch current
1.5
A
fOSC
Switching Frequency
1
MHz
TJ
Junction Temperature Range
-40
+125
°C
Electrical Characteristics (@VIN = 12V, TA = +25°C, unless otherwise specified.)
Symbol
Parameter
Conditions
Min
Typ
Max
Unit
VINSU
Internal regulator start up threshold
VIN rising
5.9
V
VINSH
Internal regulator hysteresis threshold
VIN falling
100
300
mV
IQ
Quiescent current
Output not switching (Note 4)
350
µA
IS
Input supply Current
CTRL pin floating f = 250kHz
1.8
5
mA
VTH
Set current Threshold Voltage
VCTRL ≥ 2.6V or floating.
95
100
105
mV
VTH-H
Set threshold hysteresis
±20
mV
ISET
SET pin input current
VSET = VIN-0.1
16
22
µA
RCTRL
CTRL pin input resistance
Referred to internal reference
50
k
Ω
VREF
Internal Reference Voltage
2.5
V
RDS(on)
On Resistance of SW MOSFET
ISW = 1A
0.18
0.35
Ω
ISW_Leakage
Switch leakage current
VIN =36V
0.5
μA
JA
Thermal Resistance Junction-to-Ambient (Note 5)
MSOP-8EP (Note 6)
69
C/W
JC
Thermal Resistance Junction-to-Case (Note 5)
MSOP-8EP (Note 6)
4.3
Notes:
4. AL8806 does not have a low power standby mode but current consumption is reduced when output switch is inhibited: VSENSE = 0V. Parameter is
tested with VCTRL ≤ 2.5V
5. Dominant conduction path via exposed pad. Refer to figure 5 for the device derating curve.
6. Measured on an FR4 51x51mm PCB with 2oz copper standing in still air with minimum recommended pad layout on top layer and thermal vias to
bottom layer maximum area ground plane. For better thermal performance, larger copper pad for heat-sink is needed.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com