Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MPZ2012S300A Datasheet(PDF) 12 Page - Diodes Incorporated

Part # MPZ2012S300A
Description  HIGH EFFICIENCY 36V 1.5A BUCK LED DRIVER
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

MPZ2012S300A Datasheet(HTML) 12 Page - Diodes Incorporated

Back Button MPZ2012S300A Datasheet HTML 7Page - Diodes Incorporated MPZ2012S300A Datasheet HTML 8Page - Diodes Incorporated MPZ2012S300A Datasheet HTML 9Page - Diodes Incorporated MPZ2012S300A Datasheet HTML 10Page - Diodes Incorporated MPZ2012S300A Datasheet HTML 11Page - Diodes Incorporated MPZ2012S300A Datasheet HTML 12Page - Diodes Incorporated MPZ2012S300A Datasheet HTML 13Page - Diodes Incorporated MPZ2012S300A Datasheet HTML 14Page - Diodes Incorporated MPZ2012S300A Datasheet HTML 15Page - Diodes Incorporated  
Zoom Inzoom in Zoom Outzoom out
 12 / 15 page
background image
AL8806
Document number: DS35144 Rev. 5 - 2
12 of 15
www.diodes.com
July 2013
© Diodes Incorporated
AL8806
Application Information (cont.)
Application Example (cont.)
The output of the 12V transformer is fed into the bridge rectifier, comprising of D2, D3, D4 and D5. C10 offers an optional EMI filtering at the input.
(see figure 9)
Capacitor, CBULK, (capacitors C1 and C2 on the PCB and BOM are multiple components to reduce size) forms the bulk reservoir capacitance -
used to sustain operation of the device during the low part of the rectified AC wave. In the case of a system driving two LEDs at 1.1A, one 470µF
plus 47µF capacitors are required.
Capacitors C3 and C9 provide local decoupling for the AL8806 and for the schottky freewheeling diode, D1. It is important that C3 is as close as
possible to the AL8806’s VIN pin and that C9 is as close to the VIN and shottky diode as possible, as reflected in the layout shown below in figure 8.
The LED current is determined by the total resistance between the VIN and SET pins (R1 and R2 in figures 7 (schematic) and 8 (top PCB) and
BOM).
C4 decouples the LED connections, again to minimize EMI, as well as smoothing the current.
D1 operates as the freewheeling diode, providing a current path for the LED current when the power switch at SW pin is off.
Capacitors C5 to C9, 1.5nF have been added to improve the overall EMI performance. C5 is connected across the Supply pins to reduce radiation
via the wiring. C6 and C7 also assist the reduction of EMI via the wiring. C8 snubs high frequency radiation from the harmonics in the switching
regulator.
A large number of vias have been used to improve the grounding effect throughout the PCB to improve the evaluation board’s EMI performance.
Figure 8 AL8806EV6 evaluation board (Top)
Figure 9 AL8806EV6 evaluation board (Bottom)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com