Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MPZ2012S300A Datasheet(PDF) 1 Page - Diodes Incorporated

Part # MPZ2012S300A
Description  HIGH EFFICIENCY 36V 1.5A BUCK LED DRIVER
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

MPZ2012S300A Datasheet(HTML) 1 Page - Diodes Incorporated

  MPZ2012S300A Datasheet HTML 1Page - Diodes Incorporated MPZ2012S300A Datasheet HTML 2Page - Diodes Incorporated MPZ2012S300A Datasheet HTML 3Page - Diodes Incorporated MPZ2012S300A Datasheet HTML 4Page - Diodes Incorporated MPZ2012S300A Datasheet HTML 5Page - Diodes Incorporated MPZ2012S300A Datasheet HTML 6Page - Diodes Incorporated MPZ2012S300A Datasheet HTML 7Page - Diodes Incorporated MPZ2012S300A Datasheet HTML 8Page - Diodes Incorporated MPZ2012S300A Datasheet HTML 9Page - Diodes Incorporated Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 15 page
background image
AL8806
Document number: DS35144 Rev. 5 - 2
1 of 15
www.diodes.com
July 2013
© Diodes Incorporated
AL8806
HIGH EFFICIENCY 36V 1.5A BUCK LED DRIVER
Description
The AL8806 is a step-down DC/DC converter designed to drive LEDs
with a constant current. The device can drive up to 8 LEDs,
depending on the forward voltage of the LEDs, in series from a
voltage source of 6V to 36V. The AL8806 switches at frequencies up
to 1MHz.
This allows the use of small size external components,
hence minimizing the PCB area needed.
Maximum output current of AL8806 is set via an external resistor
connected between the VIN and SET input pins. Dimming is achieved
by applying either a DC voltage or a PWM signal at the CTRL input
pin. An input voltage of 0.4V or lower at CTRL switches off the output
MOSFET simplifying PWM dimming.
Features
LED driving current up to 1.5A
Better than 5% accuracy
High efficiency up to 98%
Operating input voltage from 6V to 36V
High switching frequency up to 1MHz
PWM/DC input for dimming control
Built-in output open-circuit protection
MSOP-8EP: Available in “Green” Molding Compound (No Br,
Sb) with lead Free Finish/ RoHS Compliant
Totally Lead-Free & Fully RoHS Compliant (Notes 1 & 2)
Halogen and Antimony Free. “Green” Device (Note 3)
Pin Assignments
1
2
3
4
8
7
6
5
AL8806
SET
GND
GND
CTRL
V
IN
N/C
SW
SW
1
2
3
4
8
7
6
5
AL8806
SET
GND
GND
CTRL
V
IN
N/C
SW
SW
MSOP-8EP
Applications
High Power MR16 Lamps
General Illumination Lamps
Multi-Die LED Driver
Notes:
1. No purposely added lead. Fully EU Directive 2002/95/EC (RoHS) & 2011/65/EU (RoHS 2) compliant.
2. See http://www.diodes.com/quality/lead_free.html for more information about Diodes Incorporated’s definitions of Halogen- and Antimony-free, "Green"
and Lead-free.
3. Halogen- and Antimony-free "Green” products are defined as those which contain <900ppm bromine, <900ppm chlorine (<1500ppm total Br + Cl) and
<1000ppm antimony compounds.
Typical Applications Circuit
AL8806
C2
1µF
R
SET
0R089
C1
450µF
D1
D2
D3
D4
D5
~
12V
AC
33µH L1
Multi-
die
LED
DFLS230LH
DFLS230LH
x4


Similar Part No. - MPZ2012S300A

ManufacturerPart #DatasheetDescription
logo
ELAN Microelectronics C...
MPZ2012S300A EMC-MPZ2012S300A Datasheet
41Kb / 2P
Ferrite Beads
MPZ2012S300A EMC-MPZ2012S300A Datasheet
65Kb / 2P
Chip Beads(SMD) For Power Line
logo
TDK Electronics
MPZ2012S300A TDK-MPZ2012S300A Datasheet
74Kb / 2P
Chip Beads(SMD) For Power Line
logo
Diodes Incorporated
MPZ2012S300A DIODES-MPZ2012S300A Datasheet
262Kb / 8P
12VDC and 12VAC input
MAY 2012
logo
TDK Electronics
MPZ2012S300ATD25 TDK-MPZ2012S300ATD25 Datasheet
117Kb / 10P
Chip Beads For power line
More results

Similar Description - MPZ2012S300A

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
AL8806 DIODES-AL8806 Datasheet
422Kb / 15P
HIGH EFFICIENCY 30V 1.5A BUCK LED DRIVER
Rev 2
AL8807 DIODES-AL8807 Datasheet
1Mb / 21P
HIGH EFFICIENCY LOW EMI 36V 1A BUCK LED DRIVER
Rev 4
logo
Global Mixed-mode Techn...
G2605 GMT-G2605 Datasheet
80Kb / 1P
High Efficiency, Constant Current 36V LED driver
logo
Diodes Incorporated
AL8807B DIODES-AL8807B Datasheet
4Mb / 18P
HIGH EFFICIENCY 36V 1.3A PWM DIMMABLE BUCK LED DRIVER
Rev 1
logo
Monolithic Power System...
MPQ4425M MPS-MPQ4425M Datasheet
1Mb / 21P
High Efficiency 1.5A, 36V, 2.2MHz Synchronous Step-Down LED Driver AEC-Q100 Qualified
MP4425M MPS-MP4425M Datasheet
1Mb / 20P
High Efficiency 1.5A, 36V, 2.2MHz Synchronous Step Down LED Driver
logo
Diodes Incorporated
AL8860 DIODES-AL8860_18 Datasheet
569Kb / 17P
40V 1.5A BUCK LED DRIVER
Rev 4
logo
Shanghai awinic technol...
AW3648 AWINIC-AW3648 Datasheet
2Mb / 37P
High Efficiency, 1.5A Flash LED Driver
logo
Diodes Incorporated
AL8860Q DIODES-AL8860Q Datasheet
884Kb / 15P
HIGH EFFICIENCY 40V 1.5A AUTOMOTIVE GRADE BUCK LED DRIVER
August 2022
AL8861Q DIODES-AL8861Q Datasheet
918Kb / 15P
HIGH EFFICIENCY 40V 1.5A AUTOMOTIVE GRADE BUCK LED DRIVER
August 2022
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com