Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MPZ2012S300A Datasheet(PDF) 11 Page - Diodes Incorporated

Part # MPZ2012S300A
Description  HIGH EFFICIENCY 36V 1.5A BUCK LED DRIVER
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

MPZ2012S300A Datasheet(HTML) 11 Page - Diodes Incorporated

Back Button MPZ2012S300A Datasheet HTML 7Page - Diodes Incorporated MPZ2012S300A Datasheet HTML 8Page - Diodes Incorporated MPZ2012S300A Datasheet HTML 9Page - Diodes Incorporated MPZ2012S300A Datasheet HTML 10Page - Diodes Incorporated MPZ2012S300A Datasheet HTML 11Page - Diodes Incorporated MPZ2012S300A Datasheet HTML 12Page - Diodes Incorporated MPZ2012S300A Datasheet HTML 13Page - Diodes Incorporated MPZ2012S300A Datasheet HTML 14Page - Diodes Incorporated MPZ2012S300A Datasheet HTML 15Page - Diodes Incorporated  
Zoom Inzoom in Zoom Outzoom out
 11 / 15 page
background image
AL8806
Document number: DS35144 Rev. 5 - 2
11 of 15
www.diodes.com
July 2013
© Diodes Incorporated
AL8806
Application Information (cont.)
PCB Layout
When laying out the PCB for the AL8806 the following should be observed:
1.
The decoupling capacitor C1 has to be placed as close as possible to VIN
2.
The sense resistor, RSET, has to be placed as close as possible to VIN and SET
3.
The anode of the freewheel diode (D1), the SW pin and the inductor have to be placed as close as possible to each other to avoid ringing.
AL8806
C2
R
SET
C1
D1
L1
To avoid
radiated EMI
keep dashed
tracks as
short as
possible
Figure 6 PCB Layout
The AL8806 has two evaluation boards available on request (AL8806EV4 and AL8806EV6). Information can be found on the Diodes website and
from a Diodes’ sales representative.
Application Example
A typical application example for the AL8806 is the MR16 lamp; which normally operate from 12VDC or 12VAC supplies, using conventional
electromagnetic transformers or electronic transformers.
As a replacement for MR16 halogen lamps, LED lamps offer a more energy efficient solution - radiating no heat and no Ultra Violet light. The low
thermal impedance of the AL8806 and its 1.5A switch capability allows it drive some of the latest multi-die LEDs; which increases the lamp’s
luminance.
This application example is intended to fit into the base connector space of an MR16 style LED lamp. The design has been optimized for part count
and thermal performance for a multi-die LED in the Lens section as well as EMI conformance.
Figure 7 MR16 Schematic



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com