Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MPZ2012S300A Datasheet(PDF) 6 Page - Diodes Incorporated

Part # MPZ2012S300A
Description  HIGH EFFICIENCY 36V 1.5A BUCK LED DRIVER
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

MPZ2012S300A Datasheet(HTML) 6 Page - Diodes Incorporated

Back Button MPZ2012S300A Datasheet HTML 2Page - Diodes Incorporated MPZ2012S300A Datasheet HTML 3Page - Diodes Incorporated MPZ2012S300A Datasheet HTML 4Page - Diodes Incorporated MPZ2012S300A Datasheet HTML 5Page - Diodes Incorporated MPZ2012S300A Datasheet HTML 6Page - Diodes Incorporated MPZ2012S300A Datasheet HTML 7Page - Diodes Incorporated MPZ2012S300A Datasheet HTML 8Page - Diodes Incorporated MPZ2012S300A Datasheet HTML 9Page - Diodes Incorporated MPZ2012S300A Datasheet HTML 10Page - Diodes Incorporated Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 15 page
background image
AL8806
Document number: DS35144 Rev. 5 - 2
6 of 15
www.diodes.com
July 2013
© Diodes Incorporated
AL8806
Typical Operating Performance Characteristics (cont.)
1.5A Nominal LED Current
1.0A Nominal LED Current
1 LED
2 LEDs
3 LEDs
4 LEDs
5 LEDs
6 LEDs
7 LEDs
8 LEDs
-10%
-8%
-6%
-4%
-2%
0%
2%
4%
6%
8%
10%
6
9
12
15
18
21
24
27
30
INPUT VOLTAGE (V)
T = 25°C
L = 33µH
R = 66.67m
A
S
1 LED
2 LEDs
3 LEDs
4 LEDs
5 LEDs
6 LEDs 7 LEDs
8 LEDs
-10%
-8%
-6%
-4%
-2%
0%
2%
4%
6%
8%
10%
6
9
12
15
18
21
24
27
30
INPUT VOLTAGE (V)
T = 25°C
L = 33µH
R = 100m
A
S
1 LED
2 LEDs 3 LEDs 4 LEDs 5 LEDs 6 LEDs 7 LEDs 8 LEDs
6
9
12
15
18
21
24
27
30
INPUT VOLTAGE (V)
T = 25°C
L = 33µH
R = 66.67m
A
S
700
600
500
400
300
200
100
0
1 LED
2 LEDs 3 LEDs 4 LEDs 5 LEDs
6 LEDs 7 LEDs
8 LEDs
0
100
200
300
400
500
600
700
6
9
12
15
18
21
24
27
30
INPUT VOLTAGE (V)
T = 25°C
L = 33µH
R = 100m
A
S
1 LED
2 LEDs
3 LEDs
4 LEDs
5 LEDs
6 LEDs
7 LEDs 8 LEDs
75%
80%
85%
90%
95%
100%
6
9
12
15
18
21
24
27
30
INPUT VOLTAGE (V)
T = 25°C
L = 33µH
R = 66.67m
A
S
1 LED
2 LEDs
3 LEDs
4 LEDs
5 LEDs 6 LEDs
7 LEDs
8 LEDs
75%
80%
85%
90%
95%
100%
6
9
12
15
18
21
24
27
30
INPUT VOLTAGE (V)
T = 25°C
L = 33µH
R = 100m
A
S



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com