Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

FMMT458 Datasheet(PDF) 4 Page - Diodes Incorporated

Part # FMMT458
Description  230VAC Triac Dimmable GU10 LED Driver
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

FMMT458 Datasheet(HTML) 4 Page - Diodes Incorporated

  FMMT458 Datasheet HTML 1Page - Diodes Incorporated FMMT458 Datasheet HTML 2Page - Diodes Incorporated FMMT458 Datasheet HTML 3Page - Diodes Incorporated FMMT458 Datasheet HTML 4Page - Diodes Incorporated FMMT458 Datasheet HTML 5Page - Diodes Incorporated FMMT458 Datasheet HTML 6Page - Diodes Incorporated FMMT458 Datasheet HTML 7Page - Diodes Incorporated FMMT458 Datasheet HTML 8Page - Diodes Incorporated FMMT458 Datasheet HTML 9Page - Diodes Incorporated Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 10 page
background image
AP1694AEV11 User Guide
230VAC Triac Dimmable GU10 LED Driver
AP1694AEV11 Rev2
Page 4 of 10
July 2015
www.diodes.com
Evaluation Board Schematic 
 
Figure 3: Evaluation Board Schematic 
 
Evaluation Board Layout
 
Figure 4: PCB Board Layout Top View 
 
Figure 5: PCB Board Layout Bottom View 
 
 
Quick Start Guide 
1. By default, the evaluation board is preset at 400mA LED Current adjustment by R10//R11.  
2. Ensure that the AC source is switched OFF or disconnected. 
3. Connect the AC line wires of power supply to “AC+ and AC‐” on the left side of the board. 
4. Connect the anode wire of external LED string to LED+ output test point.  
5. Connect the cathode wire of external LED string to LED‐ output test point.   
6. Turn on the main switch.  LED string should light up.  
 



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com