Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

FMMT458 Datasheet(PDF) 5 Page - Diodes Incorporated

Part # FMMT458
Description  230VAC Triac Dimmable GU10 LED Driver
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

FMMT458 Datasheet(HTML) 5 Page - Diodes Incorporated

  FMMT458 Datasheet HTML 1Page - Diodes Incorporated FMMT458 Datasheet HTML 2Page - Diodes Incorporated FMMT458 Datasheet HTML 3Page - Diodes Incorporated FMMT458 Datasheet HTML 4Page - Diodes Incorporated FMMT458 Datasheet HTML 5Page - Diodes Incorporated FMMT458 Datasheet HTML 6Page - Diodes Incorporated FMMT458 Datasheet HTML 7Page - Diodes Incorporated FMMT458 Datasheet HTML 8Page - Diodes Incorporated FMMT458 Datasheet HTML 9Page - Diodes Incorporated Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 10 page
background image
AP1694AEV11 User Guide
230VAC Triac Dimmable GU10 LED Driver
AP1694AEV11 Rev2
Page 5 of 10
July 2015
www.diodes.com
Bill of Material  
# 
Name 
QTY 
Part number 
 Manufacturer 
Description 
1 
U1 
1 
AP1694AS‐13
Diodes Inc 
LED Driver, SO7 
2 
T1 
1 
EL1004R 
Elite Electronics 
EE10, Transformer 
3 
BD1 
1 
HD06‐T 
Diodes Inc 
Bridge Rectifiers 0.8A 600V 
4 
D1 
1 
DFLF1800‐7 
Diodes Inc 
Rectifier 1A/800V 
5 
D2 
1 
B1100B 
Diodes Inc 
Rectifier 1A/100V 
6 
D3 
1 
MMSZ5250B‐7‐F 
Diodes Inc 
Zener Diode, 20V 
7 
F1 
1 
C1Q1 
Bel Fuse 
Fuse, 1A/125V 
8 
Q1 
1 
AOU3N60 
Alpha Omega 
MOSFET N‐CH 600V 3A IPAK 
9 
Q2 
1 
FMMT458 
Diodes Inc 
MOSFET N‐CH 400V 0.2A SOT‐23 
10  L1 
1 
LPS6235‐565MRB 
Coilcraft 
5.6mH/150mA 
11 
C1A, C1B, 
C2 
3 
C1210X104K501T 
Holystone 
CAP CER 1210 0.1µF 500V X7R 
12  C3 
1 
GMK316BJ106KL‐T 
Taiyo Yuden 
CAP CER 10µF 35V X5R 1206 
13  C4 
1 
EEU‐FR1E331B 
Panasonic 
CAP 330µF/25V (8 x 13mm) 
14  C6 
1 
C1206X0683K501T  
Holystone 
CAP CER 1206 0.068µF 500V X7R 
15  R1 
1 
RC0805FR‐077K5L 
Yageo America 
RES 7.5KΩ 1/8W 1% 0805 SMD 
16  R2 
1 
FMP100JR‐52‐330 
Yageo America 
RES 330Ω 1W 5% FMP100 
17  R3A, R3B 
2 
9T12062A4703FBHFT 
Yageo America 
RES 470KΩ 1/8W 1% 1206 SMD
18  R4 
1 
RC1206FR‐075K1L 
Yageo America 
RES 5.1KΩ 1/8W 1% 1206 SMD
19  R5 
1 
RC0805FR‐0715KL 
Yageo America 
RES 15.0KΩ 1/8W 1% 0805 SMD
20  R6 
1 
RC0805JR‐0722RL 
Yageo America 
RES 22Ω 1/8W 1% 0805 SMD
21  R7 
1  
RC0805FR‐0711KL 
Yageo America 
RES 11.0KΩ 1/8W 1% 0805 SMD
22  R8 
1 
RC0805FR‐0756KL 
Yageo America 
RES 75KΩ 1/8W 1% 0805 SMD
23  R9 
1 
RC0805FR‐071K5L 
Yageo America 
RES 1.5KΩ 1/8W 1% 0805 SMD
24  R10, R11 
2 
MCR10ERTFL4R02 
Rohm 
RES 4.02Ω 1/8W 1% 0805 SMD
25  R12 
1 
RC1206FR‐075K1L 
Yageo America 
RES 5.1KΩ 1/8W 1% 1206 SMD
26  R13 
1 
RC0805FR‐0730K0L 
Yageo America 
RES 30KΩ 1/8W 1% 0805 SMD
27  R14 
1 
RC0603JR‐0710KL 
Yageo America 
RES 10KΩ 1/8W 1% 0603 SMD
28  Rf 
1 
FMP100JR‐52‐680 
Yageo America 
RES 68Ω 1W 1% FMP
29  Rm 
1 
MOV‐07D431KTR 
Bournes 
MOV, 275VAC
 
 



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com