Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

FMMT458 Datasheet(PDF) 6 Page - Diodes Incorporated

Part # FMMT458
Description  230VAC Triac Dimmable GU10 LED Driver
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

FMMT458 Datasheet(HTML) 6 Page - Diodes Incorporated

Back Button FMMT458 Datasheet HTML 2Page - Diodes Incorporated FMMT458 Datasheet HTML 3Page - Diodes Incorporated FMMT458 Datasheet HTML 4Page - Diodes Incorporated FMMT458 Datasheet HTML 5Page - Diodes Incorporated FMMT458 Datasheet HTML 6Page - Diodes Incorporated FMMT458 Datasheet HTML 7Page - Diodes Incorporated FMMT458 Datasheet HTML 8Page - Diodes Incorporated FMMT458 Datasheet HTML 9Page - Diodes Incorporated FMMT458 Datasheet HTML 10Page - Diodes Incorporated  
Zoom Inzoom in Zoom Outzoom out
 6 / 10 page
background image
AP1694AEV11 User Guide
230VAC Triac Dimmable GU10 LED Driver
AP1694AEV11 Rev2
Page 6 of 10
July 2015
www.diodes.com
Functional Performance  
Manuf 
Board Type 
VIN 
(VAC) 
PFC  
PIN
(W) 
VLED
(V) 
ILED
(mA) 
PLED
(W) 
ILED
(%) 
Efficiency 
(%) 
Athd
(%) 
Diodes 
Inc 
AP1694AEV11 
Module 
Board 
200 
0.918  6.03 
11.32 
406.0 
4.60 
1.50 
76.22 
22.0 
210 
0.911  6.04 
11.31 
407.0 
4.60 
1.75 
76.19 
22.0 
220 
0.903  6.05 
11.29 
408.9 
4.62 
2.22 
76.31 
23.0 
230 
0.900  6.08 
11.28 
410.0 
4.62 
2.50 
76.03 
24.0 
240 
0.889  6.10 
11.27 
411.0 
4.63 
2.75 
75.93 
25.0 
250 
0.881  6.12 
11.26 
412.0 
4.64 
3.00 
75.78 
25.0 
265 
0.872  6.15 
11.25 
413.5 
4.65 
3.38 
75.65 
26.0 
Functional Performance 
72
74
76
78
80
82
190
200
210
220
230
240
250
260
270
Vin [VAC]
Efficiency (%) vs Vin (VAC)
AP1694AEV11
Figure 5. Efficiency vs. Vin
350
370
390
410
430
450
190
200
210
220
230
240
250
260
270
Vin [VAC]
LED Current (mA) vs Vin (VAC)
AP1694AEV11
Figure 6. LED Current vs. Vin
0
1
2
3
4
190
200
210
220
230
240
250
260
270
Vin [VAC]
LED Current (%) vs Vin (VAC)
AP1694AEV11
0.00
0.20
0.40
0.60
0.80
1.00
190
200
210
220
230
240
250
260
270
Vin [VAC]
PFC vs Vin (VAC)
AP1694AEV11
Figure 7. LED Current Line Regulation
Figure 8. PFC vs. Vin



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com