Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

FMMT458 Datasheet(PDF) 3 Page - Diodes Incorporated

Part # FMMT458
Description  230VAC Triac Dimmable GU10 LED Driver
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

FMMT458 Datasheet(HTML) 3 Page - Diodes Incorporated

  FMMT458 Datasheet HTML 1Page - Diodes Incorporated FMMT458 Datasheet HTML 2Page - Diodes Incorporated FMMT458 Datasheet HTML 3Page - Diodes Incorporated FMMT458 Datasheet HTML 4Page - Diodes Incorporated FMMT458 Datasheet HTML 5Page - Diodes Incorporated FMMT458 Datasheet HTML 6Page - Diodes Incorporated FMMT458 Datasheet HTML 7Page - Diodes Incorporated FMMT458 Datasheet HTML 8Page - Diodes Incorporated FMMT458 Datasheet HTML 9Page - Diodes Incorporated Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 10 page
background image
AP1694AEV11 User Guide
230VAC Triac Dimmable GU10 LED Driver
AP1694AEV11 Rev2
Page 3 of 10
July 2015
www.diodes.com
DIODES TAPPED TRANSFORMER DESIGN 
AP1694A 230VAC Buck tapped 12V 400mA Transformer Spec 
 
1)   Bobbin 
 
EEP10     4+4 pin 
1
WD2: Primary
30#*1, 60Ts
6
6
2
WD1: P r i m a r y
WD3: Auxiliary 36#1, 111Ts
36#*1, 1 2 0 Ts
7
5
2) Transformer Parameters 
1.   Primary Inductance (Pin1‐Pin7,  all  other  windings are open)  
 Lp = 1.5mH   ±   5%@1kHz 
2.   Primary Winding Turns: NP=120Ts (Pin7‐Pin6) + 60Ts (Pin 6 to Pin 1) 
3.   Auxiliary Winding Turns (Pin2‐ Pin5): NA= 111Ts (Pin 2 to Pin 5) 
 
 
3)   Transformer Winding Construction Diagram 
Winding 
Number 
Windings 
Winding
Specification
 
1 
WD1‐Primary 
Winding 
Start at Pin 7, wind 120 turns of single Φ34# wire and finish on Pin 6.
WD2‐Primary 
  Winding 
Start at Pin 6, wind 60 turns of single Φ30# wire and finish on Pin 1.
2 
Insulation 
2 Layers of insulation tape
 
3 
WD3‐Auxiliary 
Winding 
Start at Pin 2, wind 111 turns of single Φ36# wire and finish on Pin 5.
4 
Insulation 
2 Layers of insulation tape
  



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com