Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

FMMT458 Datasheet(PDF) 8 Page - Diodes Incorporated

Part # FMMT458
Description  230VAC Triac Dimmable GU10 LED Driver
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

FMMT458 Datasheet(HTML) 8 Page - Diodes Incorporated

Back Button FMMT458 Datasheet HTML 2Page - Diodes Incorporated FMMT458 Datasheet HTML 3Page - Diodes Incorporated FMMT458 Datasheet HTML 4Page - Diodes Incorporated FMMT458 Datasheet HTML 5Page - Diodes Incorporated FMMT458 Datasheet HTML 6Page - Diodes Incorporated FMMT458 Datasheet HTML 7Page - Diodes Incorporated FMMT458 Datasheet HTML 8Page - Diodes Incorporated FMMT458 Datasheet HTML 9Page - Diodes Incorporated FMMT458 Datasheet HTML 10Page - Diodes Incorporated  
Zoom Inzoom in Zoom Outzoom out
 8 / 10 page
background image
AP1694AEV11 User Guide
230VAC Triac Dimmable GU10 LED Driver
AP1694AEV11 Rev2
Page 8 of 10
July 2015
www.diodes.com
AP1694AEV11 with Panasonic 230VAC dimmer test data  
230VAC Dimmer
Vin (VAC)
V after 
dimmer Arms (mA) Pin(W)
PFC (in)
THD(%)
Vout (V) Iled (mA) Pout (W)
Eff (%)
Dimming 
range (%) Flicker?
223.6
40.53
5.802
0.640
29.15
11.137
367.90
4.0973
70.62
100.00
211.5
46.51
5.774
0.540
55.40
11.089
348.20
3.8612
66.87
94.65
51.16
5.614
0.475
45.56
11.045
330.60
3.6515
65.04
89.86
55.06
5.457
0.437
46.50
11.008
308.40
3.3949
62.21
83.83
91.68
5.175
0.245
46.78
10.957
281.90
3.0888
59.69
76.62
158.1
93.72
5.036
0.236
53.50
10.919
260.10
2.8400
56.39
70.70
94.25
4.848
0.222
54.53
10.886
241.30
2.6268
54.18
65.59
94.22
4.617
0.213
56.55
10.848
220.30
2.3898
51.76
59.88
95.19
4.417
0.201
63.70
10.814
199.94
2.1622
48.95
54.35
108.8
95.36
4.136
0.190
79.22
10.775
179.08
1.9296
46.65
48.68
94.85
3.895
0.179
96.77
10.738
159.27
1.7102
43.91
43.29
94.33
3.626
0.168
95.40
10.709
141.01
1.5101
41.65
38.33
92.53
3.261
0.153
97.99
10.701
119.35
1.2772
39.16
32.44
61.0
88.27
2.860
0.141
114.50
10.649
100.38
1.0689
37.38
27.28
84.88
2.418
0.125
129.90
10.593
81.47
0.8630
35.69
22.14
81.97
2.052
0.109
157.60
10.521
59.61
0.6272
30.56
16.20
25.3
77.99
1.610
0.090
168.70
10.450
41.53
0.4340
26.96
11.29
40.49
1.351
0.145
185.21
10.422
35.98
0.3750
27.76
9.78
Panasonic                   
(Model # WMS549, 400W)
230VAC
 
Note:  = No Flicker 
EMC test result  
 
Conductive emission noise level (Pass with 15db margin) 



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com