Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

FMMT458 Datasheet(PDF) 2 Page - Diodes Incorporated

Part # FMMT458
Description  230VAC Triac Dimmable GU10 LED Driver
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

FMMT458 Datasheet(HTML) 2 Page - Diodes Incorporated

  FMMT458 Datasheet HTML 1Page - Diodes Incorporated FMMT458 Datasheet HTML 2Page - Diodes Incorporated FMMT458 Datasheet HTML 3Page - Diodes Incorporated FMMT458 Datasheet HTML 4Page - Diodes Incorporated FMMT458 Datasheet HTML 5Page - Diodes Incorporated FMMT458 Datasheet HTML 6Page - Diodes Incorporated FMMT458 Datasheet HTML 7Page - Diodes Incorporated FMMT458 Datasheet HTML 8Page - Diodes Incorporated FMMT458 Datasheet HTML 9Page - Diodes Incorporated Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 10 page
background image
AP1694AEV11 User Guide
230VAC Triac Dimmable GU10 LED Driver
AP1694AEV11 Rev2
Page 2 of 10
July 2015
www.diodes.com
WHY USE DIODES TAPPED TRANSFORM STRUCTURE    
 
The traditional Buck converter turn on time is inverse proportion with input voltage. 
 
Vo = D x Vin.    The duty cycle will be getting smaller when the input voltage goes higher.  
Example: Vo=12V, Vin= 120VAC, Fs= 75kHz.   
D= Vo/Vin * 
 = 12V/120V * 1.414 = 0.07 
Ton=D/Fs = 0.07/ 75kHz =0.933µs. T=1/Fs =13.33µs  
 
Since the Ton time is too short in the duty cycle; therefore there is not enough current passing 
through the LEDs and charging the inductor. In result, it caused the efficiency to be lower.  
In order to solve this issue ‐ use the Diodes tapped transformer to boost the output current & 
increase the Ton time in the duty cycle.  
 
With the “new tapped” transformer, the Duty cycle will be: 
 
D is original duty cycle = Vo/Vin*1.414, n = NA+Np/NA & L = Lp + LA,   
               
Vo/Vin = D’/(D’ +n(1‐D’)),   If NA=40Ts, Np=100Ts, n=3.5  
 
D’ = nVo/(Vin+(n‐1)Vo) = 0.21   The duty cycle almost increased by 3 times. 
 
The Efficiency will increase about 4 to 5% (before the Efficiency was about 72% now is 77%) 
comparing with the “none tapped” transformer.   
 
 
 
 
 
 
 
 
 



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com