Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TCD2000P Datasheet(PDF) 4 Page - Toshiba Semiconductor

Part # TCD2000P
Description  TOSHIBA CCD LINEAR IMAGE SENSOR CCD(Charge Coupled Device)
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TCD2000P Datasheet(HTML) 4 Page - Toshiba Semiconductor

  TCD2000P Datasheet HTML 1Page - Toshiba Semiconductor TCD2000P Datasheet HTML 2Page - Toshiba Semiconductor TCD2000P Datasheet HTML 3Page - Toshiba Semiconductor TCD2000P Datasheet HTML 4Page - Toshiba Semiconductor TCD2000P Datasheet HTML 5Page - Toshiba Semiconductor TCD2000P Datasheet HTML 6Page - Toshiba Semiconductor TCD2000P Datasheet HTML 7Page - Toshiba Semiconductor TCD2000P Datasheet HTML 8Page - Toshiba Semiconductor TCD2000P Datasheet HTML 9Page - Toshiba Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 11 page
background image
TCD2000P
2002-03-08
4
Note 7: DC signal output voltage and DC compensation output voltage are defined as follows:.
OPERATING CONDITION
CHARACTERISTIC
SYMBOL
MIN
TYP.
MAX
UNIT
“H” Level
4.5
5.0
5.5
Master Clock Pulse Voltage
“L” Level
VφM
0
―
0.5
V
“H” Level
4.5
5.0
5.5
Clock Pulse Voltage
“L” Level
Vφ1
Vφ2
0
―
0.5
V
“H” Level
Vφ−0.5
Vφ
Vφ
Shift Pulse Voltage
“L” Level
VSH
0
―
0.5
V
“H” Level
4.5
5.0
13.0
Sample and Hold Switch Voltage*
“L” Level
VSP
0
―
0.5
V
Reference Voltage
VREF
11.4
12.0
13.0
V
Power Supply Voltage (Analog)
VAD
11.4
12.0
13.0
V
VDD1
11.4
12.0
13.0
Power Supply Voltage (Digital)
VDD2
11.4
12.0
13.0
V
(*) Supply “H” Level to VSP terminal when sample−and−hold circuit is used, when sample−and−hold circuit is not
used supply “L” Level to VSP terminal.
CLOCK CHARACTERISTICS (Ta = 25°C)
CHARACTERISTIC
SYMBOL
MIN
TYP.
MAX
UNIT
Master Clock Pulse Frequency
fφM
―
2.0
6.0
MHz
Clock Pulse Frequency
fφ
―
1.0
3.0
MHz
Master Clock Pulse Capacitance
CφM
―
10
20
pF
Clock Capacitance
Cφ
―
100
200
pF
Shift Gate Capacitance
CSH
―
50
100
pF



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com