Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TCD2000P Datasheet(PDF) 3 Page - Toshiba Semiconductor

Part # TCD2000P
Description  TOSHIBA CCD LINEAR IMAGE SENSOR CCD(Charge Coupled Device)
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TCD2000P Datasheet(HTML) 3 Page - Toshiba Semiconductor

  TCD2000P Datasheet HTML 1Page - Toshiba Semiconductor TCD2000P Datasheet HTML 2Page - Toshiba Semiconductor TCD2000P Datasheet HTML 3Page - Toshiba Semiconductor TCD2000P Datasheet HTML 4Page - Toshiba Semiconductor TCD2000P Datasheet HTML 5Page - Toshiba Semiconductor TCD2000P Datasheet HTML 6Page - Toshiba Semiconductor TCD2000P Datasheet HTML 7Page - Toshiba Semiconductor TCD2000P Datasheet HTML 8Page - Toshiba Semiconductor TCD2000P Datasheet HTML 9Page - Toshiba Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 11 page
background image
TCD2000P
2002-03-08
3
OPTICAL / ELECTRICAL CHARACTERISTICS
(Ta = 25°C VREF = VAD = VDD1 = VDD2 = 12V, VφM = Vφ = VSH = 5V (PULSE), fφ = 1.0MHz,
tINT (INTEGRATION TIME) = 10ms, LIGHT SOURCE = A LIGHT SOURCE+CM500S FILTER,
LOAD RESISTANCE = 100Ω)
CHARACTERISTIC
SYMBOL
MIN
TYP.
MAX
UNIT
NOTE
RB
3.7
5.3
6.9
RG
8.4
12.0
15.6
Sensitivity
RR
4.6
6.6
8.7
V / lx·s
PRNU (1)
―
10
20
%
(Note 2)
Photo Response Non Uniformity
PRNU (3)
―
3
12
mV
(Note 3)
Saturation Output Voltage
VSAT
1.2
2.0
―
V
(Note 4)
Saturation Exposure
SE
―
0.17
―
lx·s
(Note 5)
Dark Signal Voltage
VDRK
―
12
25
mV
(Note 6)
Dark Signal Non Uniformity
DSNU
―
5
10
mV
(Note 6)
Analog Current Dissipation
IAD
―
12
18
mA
IDD1
―
―
1
mA
Digital Current Dissipation
IDD2
―
13.5
20
mA
Input Current of VREF
IREF
―
―
1
mA
Total Transfer Efficiency
TTE
92
―
―
%
Output Impedance
ZO
―
0.5
1.0
kΩ
DC Signal Output Voltage
VOS
4.5
6.0
7.5
V
(Note 7)
DC Compensation Output Voltage
VDOS
4.5
6.0
7.5
V
(Note 7)
DC Differential Error Voltage
|VOS−VDOS|0
―
100
mV
Note 2: PRNU (1) is measured at 50% of SE (Typ.)
Definition of PRNU : PRNU =
?
?
,
100 (%)
Where ? is average of total signal outputs and ?
, is the maximum deviation from ? under uniform illumination.
Note 3: PRNU (3) is defined as maximum voltage with next pixel where measured 5% of SE (Typ.)
Note 4: VSAT is defined as minimum Saturation Output Voltage of all effective pixels.
Note 5: Definition of SE : SE =
R
SAT
V
(lx·s)
Note 6: VDRK is defined as average dark signal voltage of all effective pixels.
DSNU is defined as different voltage between VDRK and VMDK when VMDK is maximum dark signal voltage.



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com