Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TCD2000P Datasheet(PDF) 7 Page - Toshiba Semiconductor

Part # TCD2000P
Description  TOSHIBA CCD LINEAR IMAGE SENSOR CCD(Charge Coupled Device)
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TCD2000P Datasheet(HTML) 7 Page - Toshiba Semiconductor

Back Button TCD2000P Datasheet HTML 3Page - Toshiba Semiconductor TCD2000P Datasheet HTML 4Page - Toshiba Semiconductor TCD2000P Datasheet HTML 5Page - Toshiba Semiconductor TCD2000P Datasheet HTML 6Page - Toshiba Semiconductor TCD2000P Datasheet HTML 7Page - Toshiba Semiconductor TCD2000P Datasheet HTML 8Page - Toshiba Semiconductor TCD2000P Datasheet HTML 9Page - Toshiba Semiconductor TCD2000P Datasheet HTML 10Page - Toshiba Semiconductor TCD2000P Datasheet HTML 11Page - Toshiba Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 7 / 11 page
background image
TCD2000P
2002-03-08
7
CHARACTERISTIC
SYMBOL
MIN
TYP.
(Note 2)
MAX
UNIT
t1
60
300
―
ns
Pulse Timing of SH and φ1, φ2
t5
0
300
―
ns
SH Pulse Rise Time, Fall Time
t2, t4
0
50
―
ns
SH Pulse Width
t3
300
1000
―
ns
Pulse Timing of SH and φM
t6
20
50
―
ns
φ1, φ2 Pulse Rise Time, Fall Time
t9, t10
0
20
―
ns
t11, t13
20
100
―
ns
Pulse Timing of φ1, φ2 and φM
t8, t12, t14
40
100
―
ns
φM Pulse Rise Time, Fall Time
t7, t15, t16
0
20
―
ns
φM Pulse Width
t17, t18
80
250
―
ns
Video Data Delay Time
(Note 3)
t19
―
45
―
ns
S / H Video Data Delay Time
t20, t21
―
70
―
ns
Note 2: TYP. is the case of fφ=1MHz.
Note 3: Load Resistance is 100kΩ.
ELEMENT SHAPE
Unit: mm



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com