Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TCD2000P Datasheet(PDF) 9 Page - Toshiba Semiconductor

Part # TCD2000P
Description  TOSHIBA CCD LINEAR IMAGE SENSOR CCD(Charge Coupled Device)
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TCD2000P Datasheet(HTML) 9 Page - Toshiba Semiconductor

Back Button TCD2000P Datasheet HTML 3Page - Toshiba Semiconductor TCD2000P Datasheet HTML 4Page - Toshiba Semiconductor TCD2000P Datasheet HTML 5Page - Toshiba Semiconductor TCD2000P Datasheet HTML 6Page - Toshiba Semiconductor TCD2000P Datasheet HTML 7Page - Toshiba Semiconductor TCD2000P Datasheet HTML 8Page - Toshiba Semiconductor TCD2000P Datasheet HTML 9Page - Toshiba Semiconductor TCD2000P Datasheet HTML 10Page - Toshiba Semiconductor TCD2000P Datasheet HTML 11Page - Toshiba Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 9 / 11 page
background image
TCD2000P
2002-03-08
9
CAUTION
1. Window Glass
The dust and stain on the glass window of the package degrade optical performance of CCD sensor.
Keep the glass window clean by saturating a cotton swab in alcohol and lightly wiping the surface, and
allow the glass to dry, by blowing with filtered dry N2. Care should be taken to avoid mechanical or
thermal shock because the glass window is easily to damage.
2. Electrostatic Breakdown
Store in shorting clip or in conductive foam to avoid electrostatic breakdown.
CCD Image Sensor is protected against static electricity, but interior puncture mode device due to static
electricity is sometimes detected. In handing the device, it is necessary to execute the following static
electricity preventive measures, in order to prevent the trouble rate increase of the manufacturing system
due to static electricity.
a. Prevent the generation of static electricity due to friction by making the work with bare hands or by
putting on cotton gloves and non-charging working clothes.
b. Discharge the static electricity by providing earth plate or earth wire on the floor, door or stand of the
work room.
c.
Ground the tools such as soldering iron, radio cutting pliers of or pincer.
It is not necessarily required to execute all precaution items for static electricity.
It is all right to mitigate the precautions by confirming that the trouble rate within the prescribed
range.
3. Incident Light
CCD sensor is sensitive to infrared light. Note that infrared light component degrades resolution and
PRNU of CCD sensor.
4. Lead Frame Forming
Since this package is not strong against mechanical stress, you should not reform the lead frame.
We recommend to use a IC-inserter when you assemble to PCB.
5. Soldering
Soldering by the solder flow method cannot be guaranteed because this method may have deleterious
effects on prevention of window glass soiling and heat resistance.
Using a soldering iron, complete soldering within ten seconds for lead temperatures of up to 260°C, or
within three seconds for lead temperatures of up to 350°C.



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com