Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TCD2000P Datasheet(PDF) 1 Page - Toshiba Semiconductor

Part # TCD2000P
Description  TOSHIBA CCD LINEAR IMAGE SENSOR CCD(Charge Coupled Device)
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TCD2000P Datasheet(HTML) 1 Page - Toshiba Semiconductor

  TCD2000P Datasheet HTML 1Page - Toshiba Semiconductor TCD2000P Datasheet HTML 2Page - Toshiba Semiconductor TCD2000P Datasheet HTML 3Page - Toshiba Semiconductor TCD2000P Datasheet HTML 4Page - Toshiba Semiconductor TCD2000P Datasheet HTML 5Page - Toshiba Semiconductor TCD2000P Datasheet HTML 6Page - Toshiba Semiconductor TCD2000P Datasheet HTML 7Page - Toshiba Semiconductor TCD2000P Datasheet HTML 8Page - Toshiba Semiconductor TCD2000P Datasheet HTML 9Page - Toshiba Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 11 page
background image
TCD2000P
2002-03-08
1
TOSHIBA CCD LINEAR IMAGE SENSOR CCD(Charge Coupled Device)
TCD2000P
The TCD2000P is a high sensitive and low dark current 480−elements
color linear image sensor which includes CCD drive circuit, clamp
circuit and sample & hold circuit.
The CCD drive circuit consists of the pulse generator. therefore it is
possible to easy drive by applying simple pulses. The sensor is designed
for scanner.
FEATURES
l Number of Image Sensing Elements
: 480 elements (160×3 color sequential)
l Image Sensing Element Size : 11µm×33µm on 33µm centers
l Photo Sensing Region
: High sensitive pn photodiode
l Clock
: 3 Input pulses 5V
l Internal Circuit
: Sample & Hold circuit, Clamp circuit
l Package
: 20 pin
l Color Filter
: Red, Green, Blue
MAXIMUM RATINGS
CHARACTERISTIC
SYMBOL
RATING
UNIT
Master Clock Voltage
VφM
Clock Pulse Voltage
Vφ
Shift Pulse Voltage
VSH
−0.3~8
V
Reference Voltage
VREF
Power Supply Voltage (Analog)
VAD
VDD1
Power Supply Voltage (Digital)
VDD2
−0.3~15
V
Sample & Hold Switch Voltage
VSP
−0.3~15
V
Operating Temperature
Topr
0~60
°C
Storage Temperature
Tstg
−25~85
°C
Note 1: All voltage are with respect to SS terminals (Ground).
Weight: 1.0g (Typ.)
(TOP VIEW)
PIN CONNECTION


Similar Part No. - TCD2000P

ManufacturerPart #DatasheetDescription
logo
Zowie Technology Corpor...
TCD20AH ZOWIE-TCD20AH Datasheet
99Kb / 3P
SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR
TCD20CAH ZOWIE-TCD20CAH Datasheet
99Kb / 3P
SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR
More results

Similar Description - TCD2000P

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
TCD2561D TOSHIBA-TCD2561D Datasheet
264Kb / 16P
TOSHIBA CCD Linear Image Sensor CCD (charge coupled device)
TCD1001P TOSHIBA-TCD1001P Datasheet
288Kb / 11P
TOSHIBA CCD LINEAR IMAGE SENSOR CCD(Charge Coupled Device)
TCD1707D TOSHIBA-TCD1707D Datasheet
399Kb / 11P
CCD LINEAR IMAGE SENSOR CCD (CHARGE COUPLED DEVICE)
TCD2558D TOSHIBA-TCD2558D Datasheet
244Kb / 15P
TOSHIBA CCD Linear Image Sensor CCD (charge coupled device)
TCD1304DG TOSHIBA-TCD1304DG Datasheet
491Kb / 15P
TOSHIBA CCD LINEAR IMAGE SENSOR CCD(Charge Coupled Device)
TCD2560D TOSHIBA-TCD2560D Datasheet
285Kb / 15P
TOSHIBA CCD Image Sensor CCD (charge coupled device)
TCD1709D TOSHIBA-TCD1709D Datasheet
222Kb / 13P
TOSHIBA CCD Linear Image Sensor CCD (Charge Coupled Device)
TCD1201DG TOSHIBA-TCD1201DG Datasheet
461Kb / 12P
TOSHIBA CCD LINEAR IMAGE SENSOR CCD(Charge Coupled Device)
2004-02-09
TCD1706D TOSHIBA-TCD1706D Datasheet
208Kb / 11P
TOSHIBA CCD Linear Image Sensor CCD (charge coupled device)
2001-02-22
TCD1706DG TOSHIBA-TCD1706DG Datasheet
261Kb / 11P
TOSHIBA CCD Linear Image Sensor CCD (Charge Coupled Device)
2004-03-18
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com