Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TCD2000P Datasheet(PDF) 10 Page - Toshiba Semiconductor

Part # TCD2000P
Description  TOSHIBA CCD LINEAR IMAGE SENSOR CCD(Charge Coupled Device)
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TCD2000P Datasheet(HTML) 10 Page - Toshiba Semiconductor

Back Button TCD2000P Datasheet HTML 3Page - Toshiba Semiconductor TCD2000P Datasheet HTML 4Page - Toshiba Semiconductor TCD2000P Datasheet HTML 5Page - Toshiba Semiconductor TCD2000P Datasheet HTML 6Page - Toshiba Semiconductor TCD2000P Datasheet HTML 7Page - Toshiba Semiconductor TCD2000P Datasheet HTML 8Page - Toshiba Semiconductor TCD2000P Datasheet HTML 9Page - Toshiba Semiconductor TCD2000P Datasheet HTML 10Page - Toshiba Semiconductor TCD2000P Datasheet HTML 11Page - Toshiba Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 10 / 11 page
background image
TCD2000P
2002-03-08
10
PACKAGE DIMENSIONS
Note1: No. 1 SENSOR ELEMENT (S1) TO EDGE OF PACKAGE.
Note2: TOP OF CHIP TO BOTTOM OF PACKAGE.
Note3: TOP OF CHIP TO OF PACKAGE.
Note4: GLASS THICKNESS (n=1.5)
Note5: No. 1 SENSOR ELEMENT (S1) TO CENTER OF No. 1 PIN.
Weight: 1.0g (Typ.)



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com