Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MB91F469GA Datasheet(PDF) 89 Page - Cypress Semiconductor

Part # MB91F469GA
Description  32-bit Microcontroller
PDF  147 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

MB91F469GA Datasheet(HTML) 89 Page - Cypress Semiconductor

Back Button MB91F469GA Datasheet HTML 85Page - Cypress Semiconductor MB91F469GA Datasheet HTML 86Page - Cypress Semiconductor MB91F469GA Datasheet HTML 87Page - Cypress Semiconductor MB91F469GA Datasheet HTML 88Page - Cypress Semiconductor MB91F469GA Datasheet HTML 89Page - Cypress Semiconductor MB91F469GA Datasheet HTML 90Page - Cypress Semiconductor MB91F469GA Datasheet HTML 91Page - Cypress Semiconductor MB91F469GA Datasheet HTML 92Page - Cypress Semiconductor MB91F469GA Datasheet HTML 93Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 89 / 147 page
background image
MB91460G Series
Document Number: 002-04606 Rev. *A
Page 88 of 146
14. Recommended Settings
14.1
PLL and Clock Gear Settings
Please note that for MB91F469Gx core base clock frequencies above 88MHz can only be achieved with 1.9V core supply
voltage [1].
Table 5. Recommended PLL divider and clockgear settings
1. In order to enter this mode please set REGSEL_FLASHSEL=1 and REGSEL_MAINSEL=1 (HWM Chapter 52.3.1)
PLL
Input (CLK)
[MHz]
Frequency Parameter
Clockgear Parameter
PLL
Output (X)
[MHz]
Core Base
Clock
[MHz]
1.8V
1.9V
DIVM
DIVN
DIVG
MULG
MULG
4
2
25
16
24
200
100
no
yes
4
2
24
16
24
192
96
no
yes
4
2
23
16
24
184
92
no
yes
4
2
22
16
24
176
88
yes
yes
4
2
21
16
20
168
84
yes
yes
4
2
20
16
20
160
80
yes
yes
4
2
19
16
20
152
76
yes
yes
4
2
18
16
20
144
72
yes
yes
4
2
17
16
16
136
68
yes
yes
4
2
16
16
16
128
64
yes
yes
4
2
15
16
16
120
60
yes
yes
4
2
14
16
16
112
56
yes
yes
4
2
13
16
12
104
52
yes
yes
4
2
12
16
12
96
48
yes
yes
4
2
11
16
12
88
44
yes
yes
4
4
10
16
24
160
40
yes
yes
4
4
9
16
24
144
36
yes
yes
4
4
8
16
24
128
32
yes
yes
4
4
7
16
24
112
28
yes
yes
4
6
6
16
24
144
24
yes
yes
4
8
5
16
28
160
20
yes
yes
4
10
4
16
32
160
16
yes
yes
4
12
3
16
32
144
12
yes
yes



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com