Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MB91F469GA Datasheet(PDF) 21 Page - Cypress Semiconductor

Part # MB91F469GA
Description  32-bit Microcontroller
PDF  147 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

MB91F469GA Datasheet(HTML) 21 Page - Cypress Semiconductor

Back Button MB91F469GA Datasheet HTML 17Page - Cypress Semiconductor MB91F469GA Datasheet HTML 18Page - Cypress Semiconductor MB91F469GA Datasheet HTML 19Page - Cypress Semiconductor MB91F469GA Datasheet HTML 20Page - Cypress Semiconductor MB91F469GA Datasheet HTML 21Page - Cypress Semiconductor MB91F469GA Datasheet HTML 22Page - Cypress Semiconductor MB91F469GA Datasheet HTML 23Page - Cypress Semiconductor MB91F469GA Datasheet HTML 24Page - Cypress Semiconductor MB91F469GA Datasheet HTML 25Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 147 page
background image
MB91460G Series
Document Number: 002-04606 Rev. *A
Page 20 of 146
JEDEC
Pin no.
Pin name
I/O
I/O
circuit type[1]
Description
P4
215
P06_3
A11
I/O
A
General-purpose input/output port
Signal pin of external address bus (bit11)
T4
217
P05_2
I/O
A
General-purpose input/output port
A18
Signal pin of external address bus (bit18)
U5
219
P03_5
I/O
A
General-purpose input/output port
D5
Signal pin of external data bus (bit5)
U7
221
P02_4
I/O
A
General-purpose input/output port
D12
Signal pin of external data bus (bit12)
U9
223
P01_3
I/O
A
General-purpose input/output port
D19
Signal pin of external data bus (bit19)
U11
225
P00_2
I/O
A
General-purpose input/output port
D26
Signal pin of external data bus (bit26)
U12
226
P10_3
I/O
A
General-purpose input/output port
WEX
Write enable output pin
U14
228
TCK
I
I
Boundary Scan Test Clock input pin
U16
230
INITX
I
H
External reset input pin
T17
232
P20_6
I/O
A
General-purpose input/output port
SCK3
Clock input/output pin of USART3
ZIN1
Up/down counter input pin
CK3
External clock input pin of free-run timer 3
P17
234
P19_6
I/O
A
General-purpose input/output port
SCK5
Clock input/output pin of USART5
CK5
External clock input pin of free-run timer 5
M17
236
P18_5
I/O
A
General-purpose input/output port
SOT7
Data output pin of USART7
BIN3
Up/down counter input pin
K17
238
P17_5
I/O
A
General-purpose input/output port
PPG5
Output pin of PPG timer
J17
239
P23_1
I/O
A
General-purpose input/output port
TX0
TX output pin of CAN0
G17
241
P29_1
I/O
B
General-purpose input/output port
AN1
Analog input pin of A/D converter
E17
243
P29_7
I/O
B
General-purpose input/output port
AN7
Analog input pin of A/D converter



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com