Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MB91F469GA Datasheet(PDF) 10 Page - Cypress Semiconductor

Part # MB91F469GA
Description  32-bit Microcontroller
PDF  147 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

MB91F469GA Datasheet(HTML) 10 Page - Cypress Semiconductor

Back Button MB91F469GA Datasheet HTML 6Page - Cypress Semiconductor MB91F469GA Datasheet HTML 7Page - Cypress Semiconductor MB91F469GA Datasheet HTML 8Page - Cypress Semiconductor MB91F469GA Datasheet HTML 9Page - Cypress Semiconductor MB91F469GA Datasheet HTML 10Page - Cypress Semiconductor MB91F469GA Datasheet HTML 11Page - Cypress Semiconductor MB91F469GA Datasheet HTML 12Page - Cypress Semiconductor MB91F469GA Datasheet HTML 13Page - Cypress Semiconductor MB91F469GA Datasheet HTML 14Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 147 page
background image
MB91460G Series
Document Number: 002-04606 Rev. *A
Page 9 of 146
JEDEC
Pin no.
Pin name
I/O
I/O
circuit type[1]
Description
V20
41
P21_4
I/O
A
General-purpose input/output port
SIN1
Data input pin of USART1
U20
42
P20_0
I/O
A
General-purpose input/output port
SIN2
Data input pin of USART2
AIN0
Up/down counter input pin
T20
43
P20_4
I/O
A
General-purpose input/output port
SIN3
Data input pin of USART3
AIN1
Up/down counter input pin
R20
44
P19_0
I/O
A
General-purpose input/output port
SIN4
Data input pin of USART4
P20
45
P19_2
I/O
A
General-purpose input/output port
SCK4
Clock input/output pin of USART4
CK4
External clock input pin of free-run timer 4
N20
46
X1
--
J1
Clock (oscillation) output
M20
47
P18_2
I/O
A
General-purpose input/output port
SCK6
Clock input/output pin of USART6
ZIN2
Up/down counter input pin
CK6
External clock input pin of free-run timer 6
L20
48
P18_6
I/O
A
General-purpose input/output port
SCK7
Clock input/output pin of USART7
ZIN3
Up/down counter input pin
CK7
External clock input pin of free-run timer 7
K20
49
P17_2
I/O
A
General-purpose input/output port
PPG2
PPG timer output pins
J20
50
P17_6
I/O
A
General-purpose input/output port
PPG6
PPG timer output pins
H20
51
P23_2
I/O
A
General-purpose input/output port
RX1
RX input pin of CAN1
INT9
External interrupt input pin
G20
52
P23_5
I/O
A
General-purpose input/output port
TX2
TX output pin of CAN2
F20
53
P23_7
I/O
A
General-purpose input/output port
TX3
TX output pin of CAN3



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com